Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS6142D Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS6142D
Description  Smart High-Side Power Switch PROFET One Channel, 12 m?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6142D Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS6142D Datasheet HTML 4Page - Infineon Technologies AG BTS6142D Datasheet HTML 5Page - Infineon Technologies AG BTS6142D Datasheet HTML 6Page - Infineon Technologies AG BTS6142D Datasheet HTML 7Page - Infineon Technologies AG BTS6142D Datasheet HTML 8Page - Infineon Technologies AG BTS6142D Datasheet HTML 9Page - Infineon Technologies AG BTS6142D Datasheet HTML 10Page - Infineon Technologies AG BTS6142D Datasheet HTML 11Page - Infineon Technologies AG BTS6142D Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Smart High-Side Power Switch
BTS 6142D
Electrical Characteristics
Data Sheet
8
V1.0, 2005-10-25
3
Electrical Characteristics
3.1
Maximum Ratings
Stresses above the ones listed here may cause permanent damage to the device.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Tj = 25 °C (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Test
Conditions
min.
max.
Supply Voltage
3.1.1
Supply voltage
Vbb
-16
38
V
-
3.1.2
Supply voltage for full short
circuit protection (single pulse)
(
Tj = -40°C .. 150°C)
1)
Vbb(SC)
024
V
3.1.3
Supply Voltage for Load Dump
protection 2)
Vbb(LD)
-45
V
RI = 2 Ω
RL = 1.5 Ω
Logic Pins
3.1.4
Voltage at input pin
Vb,IN
-16
63
V
-
3.1.5
Current through input pin
IIN
-140
15
mA
-
3.1.6
Voltage at current sense pin
Vb,IS
-16
56
V
-
3.1.7
Current through sense pin
IIS
-140
15
mA
-
3.1.8
Input voltage slew rate 3)
d
VbIN/dt
-20
20
V/
µs-
Power Stages
3.1.9
Load current 4)
IL
-
ILx(SC) A-
3.1.10
Maximum energy dissipation
per channel (single pulse)
EAS
-0.25
J
IL(0) = 20 A
Tj(0) = 150°C
3.1.11
Total power dissipation (DC)
for whole device
Ptot
-50
W
TC = 85 °C
Tj ≤ 150 °C
Temperatures
3.1.12
Junction temperature
Tj
-40
150
°C
-
3.1.13
Storage temperature
Tstg
-55
150
°C
-


Similar Part No. - BTS6142D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS6142D INFINEON-BTS6142D Datasheet
1Mb / 15P
   Smart High-Side Power Switch
V1.1, February 2007
BTS6142D INFINEON-BTS6142D_07 Datasheet
1Mb / 15P
   Smart High-Side Power Switch
V1.1, February 2007
More results

Similar Description - BTS6142D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50090-1TMB INFINEON-BTS50090-1TMB Datasheet
528Kb / 27P
   Smart High-Side Power Switch PROFET One Channel
Rev. 1.0, Feb. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS6123P INFINEON-BTS6123P Datasheet
906Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS6123B INFINEON-BTS6123B Datasheet
338Kb / 30P
   Smart High-Side Power Switch PROFET One Channel, 10 m?
V1.0, December 2005
BTS5016SDA INFINEON-BTS5016SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMB INFINEON-BTS50070-1TMB Datasheet
559Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5014SDA INFINEON-BTS5014SDA Datasheet
564Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50070-1TMA INFINEON-BTS50070-1TMA Datasheet
562Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Sept. 2008
BTS5012SDA INFINEON-BTS5012SDA Datasheet
566Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.1, Nov. 2008
BTS50080-1TEA INFINEON-BTS50080-1TEA Datasheet
567Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com