Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22224201XXX3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 22224201XXX3
Description  Metallized polypropylene filter capacitors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

22224201XXX3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  22224201XXX3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 22224201XXX3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 22224201XXX3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 22224201XXX3 Datasheet HTML 4Page - List of Unclassifed Manufacturers 22224201XXX3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 22224201XXX3 Datasheet HTML 6Page - List of Unclassifed Manufacturers 22224201XXX3 Datasheet HTML 7Page - List of Unclassifed Manufacturers 22224201XXX3 Datasheet HTML 8Page - List of Unclassifed Manufacturers 22224201XXX3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2002 Oct 09
2
BCcomponents
Product specification
Metallized polypropylene filter
capacitors
MKP 416 to 420
MKP RADIAL POTTED TYPE
PITCH 5/10/15 mm
296x12(full_width
CBB344
P = 10 and 15 mm
P = 5 mm
Fig.1 Simplified outlines.
FEATURES
• 5, 10 and 15 mm lead pitch
• Supplied loose in box, in ammopack
and taped on reel
• Intermediate values are available of
the E96 series.
APPLICATIONS
• Low losses due to low contact
resistance and low loss dielectric
result in applications where high
frequency occur or high stability is
preferred
• Their small dimensions make them
suitable for circuits with high
packaging density.
DETAIL SPECIFICATION
For more detailed data and test
requirements see “Type detail
specification HQN-384-16/101”.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Capacitance range (E24 series)
0.001 to 1.2
µF
Capacitance tolerance
±5%; ±2%
Rated (DC) voltage
63 V; 160 V; 250 V; 400 V; 630 V
Rated (AC) voltage
25 V; 63 V;100 V; 125 V; 160 V
Rated peak-to-peak voltage
70 V; 180 V; 280 V; 350 V; 450 V
Climatic category
55/085/56
Rated temperature (DC)
85
°C
Rated temperature (AC)
85
°C
Maximum application temperature
85
°C
Reference specification
IEC 60384-16
Performance grade
grade 1 (long life)
Stability grade
grade 1
Materials
qualified in accordance with UL94 V-0


Similar Part No. - 22224201XXX3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2222405 VISHAY-2222405 Datasheet
134Kb / 3P
   Integrated Passive Device (Capacitor and Varistor)
Revision: 08-Aug-03
222246925104 VISHAY-222246925104 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925105 VISHAY-222246925105 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925124 VISHAY-222246925124 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925154 VISHAY-222246925154 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
More results

Similar Description - 22224201XXX3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com