Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7960B Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS7960B
Description  High Current PN Half Bridge NovalithIC 43 A, 7 m?? 9 m?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7960B Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS7960B Datasheet HTML 4Page - Infineon Technologies AG BTS7960B Datasheet HTML 5Page - Infineon Technologies AG BTS7960B Datasheet HTML 6Page - Infineon Technologies AG BTS7960B Datasheet HTML 7Page - Infineon Technologies AG BTS7960B Datasheet HTML 8Page - Infineon Technologies AG BTS7960B Datasheet HTML 9Page - Infineon Technologies AG BTS7960B Datasheet HTML 10Page - Infineon Technologies AG BTS7960B Datasheet HTML 11Page - Infineon Technologies AG BTS7960B Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
High Current PN Half Bridge
BTS 7960
Block Description and Characteristics
Data Sheet
7
Rev. 1.1, 2004-12-07
4
Block Description and Characteristics
4.1
Supply Characteristics
– 40
°C < T
j < 150 °C, 8 V < VS < 18 V, IL = 0A (unless otherwise specified)
Pos.
Parameter
Symbol Limit Values
Unit
Test Conditions
min.
typ.
max.
General
4.1.1
Operating Voltage
VS
5.5
27.5 V
4.1.2
Supply Current
I
VS(on)
–2
3
mA
VINH = 5 V
VIN = 0V or 5V
RSR=0 Ω
DC-mode
normal operation
(no fault condition)
4.1.3
Quiescent Current
I
VS(off)
7
15
µA
VINH = 0 V
VIN = 0V or 5V
Tj <85 °C
65
µA
VINH = 0 V
VIN = 0V or 5V


Similar Part No. - BTS7960B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7904B INFINEON-BTS7904B Datasheet
212Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-18
BTS7904S INFINEON-BTS7904S Datasheet
211Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-08
BTS7930B INFINEON-BTS7930B Datasheet
815Kb / 28P
   High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Rev. 2.0, June 2006
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
More results

Similar Description - BTS7960B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTS7930B INFINEON-BTS7930B Datasheet
815Kb / 28P
   High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Rev. 2.0, June 2006
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com