Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T0781-6C Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T0781-6C
Description  1700 - 2300 MHz High Linearity SiGe Active Receiver Mixer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0781-6C Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T0781-6C Datasheet HTML 2Page - ATMEL Corporation T0781-6C Datasheet HTML 3Page - ATMEL Corporation T0781-6C Datasheet HTML 4Page - ATMEL Corporation T0781-6C Datasheet HTML 5Page - ATMEL Corporation T0781-6C Datasheet HTML 6Page - ATMEL Corporation T0781-6C Datasheet HTML 7Page - ATMEL Corporation T0781-6C Datasheet HTML 8Page - ATMEL Corporation T0781-6C Datasheet HTML 9Page - ATMEL Corporation T0781-6C Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
T0781
4534B–SIGE–01/03
Figure 6. Input IP3 Versus Temperature P
LO = 0 dBm
Figure 7. Input IP3 Versus LO Drive, T
amb = 25°C
Figure 8. Noise Figure Versus Temperature, P
LO = 0 dBm
Input IP3 vs Tem perature
Plo = 0dBm
10.0
12.0
14.0
16.0
18.0
20.0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-40ºC
+25ºC
+85ºC
Input IP3 vs LO Drive
T=+25ºC
10.0
12.0
14.0
16.0
18.0
20.0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-3 dBm
0 dBm
+3dBm
Noise Figure vs Tem perature
Plo=0dBm
10
12
14
16
18
20
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-40ºC
+25ºC
+85ºC


Similar Part No. - T0781-6C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
T0780-6C ATMEL-T0780-6C Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
   2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
List of Unclassifed Man...
T078332 ETC-T078332 Datasheet
403Kb / 4P
   Other Protistor® Fuses Ferrule Fuses 27x60 URQ/URS/URB - 690 V to 1000 VAC
12/04
More results

Similar Description - T0781-6C

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
logo
ATMEL Corporation
T0780 ATMEL-T0780 Datasheet
208Kb / 11P
   800 MHz - 1000 MHz High Linearity SiGe Active Receive Mixer
T0782 ATMEL-T0782 Datasheet
288Kb / 8P
   2200-2700 MHz High Linearity SiGe Active Receive Mixer
logo
Stanford Microdevices
SRM-2016 STANFORD-SRM-2016 Datasheet
193Kb / 7P
   1700 - 2000 MHz High Linearity Silicon Germanium Active Receive Mixer
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
logo
Maxim Integrated Produc...
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
Tyco Electronics
MA4EX190H-1225 MACOM-MA4EX190H-1225 Datasheet
120Kb / 3P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
MA4EX190H1-1225T MACOM-MA4EX190H1-1225T Datasheet
90Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com