Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7960P Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS7960P
Description  High Current PN Half Bridge NovalithIC 43 A, 7 m?? 9 m?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7960P Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS7960P Datasheet HTML 1Page - Infineon Technologies AG BTS7960P Datasheet HTML 2Page - Infineon Technologies AG BTS7960P Datasheet HTML 3Page - Infineon Technologies AG BTS7960P Datasheet HTML 4Page - Infineon Technologies AG BTS7960P Datasheet HTML 5Page - Infineon Technologies AG BTS7960P Datasheet HTML 6Page - Infineon Technologies AG BTS7960P Datasheet HTML 7Page - Infineon Technologies AG BTS7960P Datasheet HTML 8Page - Infineon Technologies AG BTS7960P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
High Current PN Half Bridge
BTS 7960
Overview
Data Sheet
3
Rev. 1.1, 2004-12-07
1Overview
The BTS 7960 is part of the NovalithIC
 family containing three separate chips in one
package: One p-channel highside MOSFET and one n-channel lowside MOSFET
together with a driver IC, forming a fully integrated high current half-bridge. All three
chips are mounted on one common leadframe, using the chip on chip and chip by chip
technology. The power switches utilize vertical MOS technologies to ensure optimum on
state resistance. Due to the p-channel highside switch the need for a charge pump is
eliminated thus minimizing EMI. Interfacing to a microcontroller is made easy by the
integrated driver IC which features logic level inputs, diagnosis with current sense, slew
rate adjustment, dead time generation and protection against overtemperature,
overvoltage, undervoltage, overcurrent and short circuit. The BTS 7960 can be
combined with other BTS 7960 to form H-bridge and 3-phase drive configurations.
1.1
Block Diagram
Figure 1
Block Diagram
IS
SR
Top-chip
INH
IN
GND
OUT
LS base-chip
VS
HS base-chip
Gate Driver
Dead Time Gen.
Slew Rate Adj.
UV Shut Down
OV Lock Out
OT Shut Down
Current Lim.
Diagnosis
Current Sense
BTS 7960


Similar Part No. - BTS7960P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7904B INFINEON-BTS7904B Datasheet
212Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-18
BTS7904S INFINEON-BTS7904S Datasheet
211Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-08
BTS7930B INFINEON-BTS7930B Datasheet
815Kb / 28P
   High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Rev. 2.0, June 2006
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
More results

Similar Description - BTS7960P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTS7930B INFINEON-BTS7930B Datasheet
815Kb / 28P
   High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Rev. 2.0, June 2006
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com