Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22224201XXX4 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 22224201XXX4
Description  Metallized polypropylene filter capacitors
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

22224201XXX4 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 22224201XXX4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 22224201XXX4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 22224201XXX4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 22224201XXX4 Datasheet HTML 6Page - List of Unclassifed Manufacturers 22224201XXX4 Datasheet HTML 7Page - List of Unclassifed Manufacturers 22224201XXX4 Datasheet HTML 8Page - List of Unclassifed Manufacturers 22224201XXX4 Datasheet HTML 9Page - List of Unclassifed Manufacturers 22224201XXX4 Datasheet HTML 10Page - List of Unclassifed Manufacturers 22224201XXX4 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
2002 Oct 09
7
BCcomponents
Product specification
Metallized polypropylene filter capacitors
MKP 416
MKP 416 GENERAL DATA
PITCH 15 mm
Specific reference data for the 63 V DC capacitors
Available 63 V DC versions
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
0.3
µF < C ≤ 0.39 µF
≤10 × 10−4
≤40 × 10−4
0.39
µF < C ≤ 0.56 µF
≤10 × 10−4
≤45 × 10−4
0.56
µF < C ≤ 0.75 µF
≤10 × 10−4
≤50 × 10−4
0.75
µF < C ≤ 1.1 µF
≤10 × 10−4
≤60 × 10−4
Rated voltage pulse slope (dU/dt)R at 63 V (DC)
50 V/
µs
R between leads, for C
≤ 0.33 µF at 50 V; 1 minute
>100000 MΩ
RC between leads, for C
> 0.33 µF at 50 V; 1 minute
>30000 s
R between interconnected leads and case at 50 V; 1 minute
>100000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
100 V; 1 minute
Withstanding (DC) voltage between leads and case
2840 V; 1 minute
PACKAGING
DIMENSIONS
C-tol
FIRST 9 DIGITS OF
CATALOGUE NUMBER
ORDERING
Taped on reel
H
= 18.5 mm; P0 = 12.7 mm;
reel diameter 356 mm
±5%
2222 416 0....
on request
±2%
2222 416 1....
preferred
Loose in box
lt = 3.5 ±0.3 mm
±5%
2222 416 6....
on request
±2%
2222 416 7....
preferred
296x12(full_width)
CBA237
l
b
P
Ødt
h
lt
Fig.5 Outline.


Similar Part No. - 22224201XXX4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2222405 VISHAY-2222405 Datasheet
134Kb / 3P
   Integrated Passive Device (Capacitor and Varistor)
Revision: 08-Aug-03
222246925104 VISHAY-222246925104 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925105 VISHAY-222246925105 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925124 VISHAY-222246925124 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
222246925154 VISHAY-222246925154 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
More results

Similar Description - 22224201XXX4

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32692 TDK-B32692_16 Datasheet
508Kb / 45P
   Metallized Polypropylene Capacitors
logo
Electronic Film Capacit...
1213DFR EFC-1213DFR Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213TF EFC-1213TF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213TC EFC-1213TC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EC EFC-1213EC Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRA EFC-1213EFRA Datasheet
13Kb / 1P
   Metallized Polypropylene Capacitors
1213EFRB EFC-1213EFRB Datasheet
14Kb / 1P
   Metallized Polypropylene Capacitors
1213EF EFC-1213EF Datasheet
12Kb / 1P
   Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com