Electronic Components Datasheet Search |
|
SAK-C161JC-32RF Datasheet(PDF) 10 Page - Infineon Technologies AG |
|
SAK-C161JC-32RF Datasheet(HTML) 10 Page - Infineon Technologies AG |
10 / 89 page C161CS/JC/JI-32R C161CS/JC/JI-L Data Sheet 6 V3.0, 2001-01 P7 P7.4 P7.5 P7.6 P7.7 13 14 15 16 IO I/O I I O I/O O O I I/O I I O I/O O O I Port 7 is a 4-bit bidirectional I/O port. It is bit-wise programmable for input or output via direction bits. For a pin configured as input, the output driver is put into high- impedance state. Port 7 outputs can be configured as push/ pull or open drain drivers. The input threshold of Port 7 is selectable (TTL or special). Port 7 pins provide inputs/ outputs for CAPCOM2 and serial interface lines.1) CC28IO CAPCOM2: CC28 Capture Inp./Compare Outp., CAN1_RxD CAN 1 Receive Data Input, (C161CS/JC) CAN2_RxD CAN 2 Receive Data Input, (C161CS) SDL_TxD SDLM Transmit Data Output (C161JC/JI) CC29IO CAPCOM2: CC29 Capture Inp./Compare Outp., CAN1_TxD CAN 1 Transmit Data Output, (C161CS/JC) CAN2_TxD CAN 2 Transmit Data Output, (C161CS) SDL_RxD SDLM Receive Data Input (C161JC/JI) CC30IO CAPCOM2: CC30 Capture Inp./Compare Outp., CAN1_RxD CAN 1 Receive Data Input, (C161CS/JC) CAN2_RxD CAN 2 Receive Data Input, (C161CS) SDL_TxD SDLM Transmit Data Output (C161JC/JI) CC31IO CAPCOM2: CC31 Capture Inp./Compare Outp., CAN1_TxD CAN 1 Transmit Data Output, (C161CS/JC) CAN2_TxD CAN 2 Transmit Data Output, (C161CS) SDL_RxD SDLM Receive Data Input (C161JC/JI) P9 P9.0 P9.1 P9.2 P9.3 P9.4 P9.5 19 20 21 22 23 24 IO I/O I/O I/O I/O I/O – Port 9 is a 6-bit bidirectional open drain I/O port (provide external pullup resistors if required). It is bit-wise programmable for input or output via direction bits. For a pin configured as input, the output driver is put into high- impedance state. The following Port 9 pins also serve for alternate functions: SDA0 IIC Bus Data Line 0 SCL0 IIC Bus Clock Line 0 SDA1 IIC Bus Data Line 1 SCL1 IIC Bus Clock Line 1 SDA2 IIC Bus Data Line 2 – Note: Port 9 pins can only tolerate positive overload currents (see Table 9). Table 2 Pin Definitions and Functions (cont’d) Symbol Pin No. Input Outp. Function |
Similar Part No. - SAK-C161JC-32RF |
|
Similar Description - SAK-C161JC-32RF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |