Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3BS02L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE3BS02L
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3BS02L Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE3BS02L Datasheet HTML 1Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 2Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 3Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 4Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 5Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 6Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 7Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 8Page - Infineon Technologies AG ICE3BS02L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Type
FOSC
Package
ICE3BS02L
67kHz
PG-DIP-8-6
Version 1.1
3
28 Sep 2005
F3
ICE3BS02L
Off-Line SMPS Current Mode Controller
with integrated 500V Startup Cell and
Latched off Mode
test
PG-DIP-8-6
Description
The F3 Controller provides Active Burst Mode to reach the
lowest Standby Power Requirements <100mW at no load. As
the controller is always active during Active Burst Mode, there
is an immediate response on load jumps without any black out
in the SMPS. In Active Burst Mode the ripple of the output
voltage can be reduced <1%. Furthermore, to increase the
robustness and safety of the system, the device enters into
Latched Off Mode in the cases of Overtemperature,
Overvoltage or Short Winding. The Latched Off Mode can only
be reset by disconnecting the main line. Auto Restart Mode is
entered for cases like open loop or overload. By means of an
internal precise peak current limitation, the dimension of the
transformer and the secondary diode can be lowered which leads
to more cost efficiency. An adjustable blanking window
prevents the IC from entering Auto Restart Mode or Active
Burst Mode unintentionally in case of high load jumps.
Product Highlights
• Active Burst Mode to reach the lowest Standby Power
Requirements < 100mW
• Latched Off Mode and Auto Restart Mode to increase
robustness and safety of the system
• Adjustable Blanking Window for high load jumps to
increase system reliability
• PB-free Plating and RoHS compliant
Features
• 500V Startup Cell switched off after Start Up
• Active Burst Mode for lowest Standby Power
@ light load controlled by Feedback Signal
• Fast load jump response in Active Burst Mode
• 67kHz internally fixed switching frequency
• Latched Off Mode for Overtemperature Detection
• Latched Off Mode for Overvoltage Detection
• Latched Off Mode for Short Winding Detection
• Auto Restart Mode for Overload and Open Loop
• Auto Restart Mode for VCC Undervoltage
• Blanking Window for short duration high current
• User defined Soft Start
• Minimum of external components required
• Max Duty Cycle 72%
• Overall tolerance of Current Limiting
< ±5%
• Internal PWM Leading Edge Blanking
• Soft driving for low EMI
C
SoftS
C
VCC
C
Bulk
Converter
DC Output
+
ICE3BS02L
F3 with Latch off Mode
Snubber
Power
Management
PWM Controller
Current Mode
85 ... 270 VAC
Typical Application
R
Sense
Gate
CS
Startup Cell
HV
Precise Low
Tolerance Peak
Current Limitation
SoftS
FB
GND
VCC
Active Burst Mode
Latched Off Mode
Auto Restart Mode
Control Unit
-


Similar Part No. - ICE3BS02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BS02 INFINEON-ICE3BS02 Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3BS02 INFINEON-ICE3BS02 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3BS02G INFINEON-ICE3BS02G Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3BS02G INFINEON-ICE3BS02G Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
More results

Similar Description - ICE3BS02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3DS01L INFINEON-ICE3DS01L Datasheet
624Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
ICE3BS03LJG INFINEON-ICE3BS03LJG Datasheet
496Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.0, 6 Dec 2007
ICE3DS01L INFINEON-ICE3DS01L_05 Datasheet
712Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 2.1, 15 Nov 2005
ICE3AS02 INFINEON-ICE3AS02 Datasheet
496Kb / 23P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
2004-05-21
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com