Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDC04S60C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IDC04S60C
Description  2nd generation thinQ SiC Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDC04S60C Datasheet(HTML) 1 Page - Infineon Technologies AG

  IDC04S60C Datasheet HTML 1Page - Infineon Technologies AG IDC04S60C Datasheet HTML 2Page - Infineon Technologies AG IDC04S60C Datasheet HTML 3Page - Infineon Technologies AG IDC04S60C Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IDC04S60C
Edited by INFINEON Technologies, AIM PMD D CID CLS, Edition 1, 05.04.2006
2
nd generation thinQ!TM SiC Schottky Diode
Applications:
SMPS, PFC, snubber
FEATURES:
Revolutionary semiconductor material -
Silicon Carbide
Switching behavior benchmark
No reverse recovery
No temperature influence on the switching
behavior
No forward recovery
High surge current capability
A
C
Chip Type
VBR
IF
Die Size
Package
IDC04S60C
600V
4A
1.146 x 0.968 mm
2
sawn on foil
MECHANICAL PARAMETER:
Raster size
1.146x 0.968
Anode pad size
0.909 x 0.731
mm
Area total / active
1.11 / 0.74
mm
2
Thickness
355
µm
Wafer size
75
mm
Flat position
0
deg
Max. possible chips per wafer
3461 pcs
Passivation frontside
Photoimide
Anode metalization
3200 nm Al
Cathode metalization
1400 nm Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
Electrically conductive glue or solder
Wire bond
Al,
≤ 350µm
Reject Ink Dot Size
∅ ≥ 0.3 mm
Recommended Storage Environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Similar Part No. - IDC04S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDC04S60CE INFINEON-IDC04S60CE Datasheet
121Kb / 4P
   2nd generation thinQ!TM SiC Schottky Diode
Edition 1.1, 27.01.2009
More results

Similar Description - IDC04S60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDC06S60C INFINEON-IDC06S60C Datasheet
61Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
   2nd generation thinQ SiC Schottky Diode
27.04.2006
IDB10S60C INFINEON-IDB10S60C Datasheet
575Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2009-01-07
IDH06S60C INFINEON-IDH06S60C Datasheet
440Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2009-06-02
IDV04S60C INFINEON-IDV04S60C Datasheet
1Mb / 10P
   2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-08
IDT12S60C INFINEON-IDT12S60C Datasheet
236Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT05S60C INFINEON-IDT05S60C_08 Datasheet
426Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
IDT10S60C INFINEON-IDT10S60C_08 Datasheet
428Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-09
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDD04S60C INFINEON-IDD04S60C Datasheet
241Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-04-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com