Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67006-A9681 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # Q67006-A9681
Description  Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67006-A9681 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button Q67006-A9681 Datasheet HTML 5Page - Infineon Technologies AG Q67006-A9681 Datasheet HTML 6Page - Infineon Technologies AG Q67006-A9681 Datasheet HTML 7Page - Infineon Technologies AG Q67006-A9681 Datasheet HTML 8Page - Infineon Technologies AG Q67006-A9681 Datasheet HTML 9Page - Infineon Technologies AG Q67006-A9681 Datasheet HTML 10Page - Infineon Technologies AG Q67006-A9681 Datasheet HTML 11Page - Infineon Technologies AG Q67006-A9681 Datasheet HTML 12Page - Infineon Technologies AG Q67006-A9681 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IFX 1117
Data Sheet
9
Rev. 1.1, 2004-07-20
Output
The IFX 1117 requires a 10
µF output capacitor with ESR ≤ 20 Ω for the stability of the
regulation loop. The use of a tantalum output capacitor is recommended.
For the adjustable device IFX 1117 GSV the output voltage level can be defined by a
voltage divider between Q, ADJ and GND.
The output voltage calculates:
(1)
At the input of the regulator a capacitor is recommended to compensate line influences.
As a minimum a 100 nF ceramic input capacitor should be used. If the regulator is used
in an environment with long input lines an input capacitance of 10
µF is suggested.
Figure 6
Typical Application Circuit IFX 1117 GSV
V
Q
V
REF
1
R
2
R
1
------
+


×
I
ADJ
R
2
×
+
=
AES02815_1117
C
I1
C
I2
V
I
I
C
Q2
V
Q
Q
ADJ
R
2
C
ADJ
R
1
IFX 1117 GSV
V
Q - VADJ = VREF
32
1
I
ADJ


Similar Part No. - Q67006-A9681

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67006-A9608 INFINEON-Q67006-A9608 Datasheet
217Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.0, 2004-01-01
Q67006-A9609 INFINEON-Q67006-A9609 Datasheet
217Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.0, 2004-01-01
Q67006-A9636 INFINEON-Q67006-A9636 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
Q67006-A9669 INFINEON-Q67006-A9669 Datasheet
180Kb / 11P
   Tracking Regulator
Rev. 1.2, 2004-08-11
Q67006-A9670 INFINEON-Q67006-A9670 Datasheet
391Kb / 14P
   5-V Low Drop Voltage Regulator
Rev. 1.03, 2004-10-14
More results

Similar Description - Q67006-A9681

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com