Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF15C1.830DP-0.65V50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DF15C1.830DP-0.65V50
Description  0.65mm Pitch SMT Board to Board Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DF15C1.830DP-0.65V50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DF15C1.830DP-0.65V50 Datasheet HTML 1Page - List of Unclassifed Manufacturers DF15C1.830DP-0.65V50 Datasheet HTML 2Page - List of Unclassifed Manufacturers DF15C1.830DP-0.65V50 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF15C1.830DP-0.65V50 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF15C1.830DP-0.65V50 Datasheet HTML 5Page - List of Unclassifed Manufacturers DF15C1.830DP-0.65V50 Datasheet HTML 6Page - List of Unclassifed Manufacturers DF15C1.830DP-0.65V50 Datasheet HTML 7Page - List of Unclassifed Manufacturers DF15C1.830DP-0.65V50 Datasheet HTML 8Page - List of Unclassifed Manufacturers DF15C1.830DP-0.65V50 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
A287
sProduct Specifications
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note: The gold plated product of pin herder consists of a contact area of gold plated and lead of tin-lead plated
Rating
Current rating : 0.3A
Operating Temperature Range : –35 to +85ç (Note 1.) Storage Temperature Range : –10 to +60ç (Note 2.)
Voltage rating : 50V AC Operating Humidity Range : 40 to 80%
Storage Humidity Range : 40 to 70% (Note 2.)
sMaterial
Item
Specification
Condition
1. Insulation Resistance
500M ohms min.
100V DC
2. Withstanding Voltage
No flashover or insulation breakdown.
150V AC/1 minute
3. Contact Resistance
50m ohms max
100mA
4. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.
Humidity (Steady state) Contact resistance: 50m ohms max. Insulation resistance:250M ohms min. 96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
Contact resistance : 50m ohms max.
(-55ç: 30 minutes 5 to 35ç: 10 minutes
Insulation resistance: 500M ohms min.
(-85ç: 30 minutes 5 to 35ç: 10 minutes) 5 cycles
7. Durability (Mating/un-mating) Contact resistance: 50m ohms max.
50 cycles
8. Resistance to Soldering heat
No deformation of components affecting performance.
Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
Product
Part
Material
Finish
Remarks
Insulator
Polyamide
Beige
UL94V-0
Receptacle
Contact
Phosphor copper
Gold plated
–––––––
Metal fitting
Brass
Tin-lead plated
–––––––
Insulator
Polyamide
Beige
UL94V-0
Header
Contact
Phosphor copper
Gold plated
–––––––
Metal fitting
Brass
Tin-lead plated
–––––––
DF15
#
# (*
**
*) - *
* DS - 0.65 V (*
**
*)
qe
wr
ty
u
i
sOrdering Information
qReceptacle/Header
q Series Name
: DF15
w Type
e Product height
Receptacle
: 0.8, 1.8
Header
: 3.2, 4.2, 6.2
r Number of Contacts
20, 30, 40, 50
t Connector Type
DS : Double-row receptacle
DP : Double-row header
y Contact Pitch
: 0.65mm
u Contact type
V
: Straight SMT type
i (50) : Tube packaging
(51) : Embossed tape packaging
Fitting
Boss
Blank
KK
A
K
B
K
C
∞∞


Similar Part No. - DF15C1.830DP-0.65V50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15C(4.2)-20DP-0.65V(56) HIROSE-DF15C(4.2)-20DP-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15C(4.2)-30DP-0.65V(56) HIROSE-DF15C(4.2)-30DP-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15C(4.2)-40DP-0.65V(56) HIROSE-DF15C(4.2)-40DP-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15C(4.2)-50DP-0.65V(56) HIROSE-DF15C(4.2)-50DP-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF15C(6.2)-20DP-0.65V(56) HIROSE-DF15C(6.2)-20DP-0.65V(56) Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
More results

Similar Description - DF15C1.830DP-0.65V50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
logo
SUYIN USA, INC.
650101FA SUYIN-USA-650101FA Datasheet
157Kb / 1P
   0.65mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com