Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHW20N120R2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IHW20N120R2
Description  Reverse Conducting IGBT with monolithic body diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW20N120R2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IHW20N120R2 Datasheet HTML 2Page - Infineon Technologies AG IHW20N120R2 Datasheet HTML 3Page - Infineon Technologies AG IHW20N120R2 Datasheet HTML 4Page - Infineon Technologies AG IHW20N120R2 Datasheet HTML 5Page - Infineon Technologies AG IHW20N120R2 Datasheet HTML 6Page - Infineon Technologies AG IHW20N120R2 Datasheet HTML 7Page - Infineon Technologies AG IHW20N120R2 Datasheet HTML 8Page - Infineon Technologies AG IHW20N120R2 Datasheet HTML 9Page - Infineon Technologies AG IHW20N120R2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IHW20N120R2
Soft Switching Series
Power Semiconductors
6
Rev. 1.2
May 06
0A
10A
20A
30A
100ns
1000ns
t
f
t
d(off)
10Ω
20Ω
30Ω
40Ω
50Ω
60Ω
70Ω
100ns
1000ns
t
f
t
d(off)
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 9. Typical switching times as a
function of collector current
(inductive load,
TJ=175°C,
VCE=600V, VGE=0/15V, RG=15Ω,
Dynamic test circuit in Figure E)
Figure 10. Typical switching times as a
function of gate resistor
(inductive load,
TJ=175°C, VCE=600V,
VGE=0/15V, IC=20A,
Dynamic test circuit in Figure E)
25°C
50°C
75°C
100°C
125°C
150°C
10ns
100ns
t
f
t
d(off)
-50°C
0°C
50°C
100°C
2V
3V
4V
5V
6V
max.
typ.
min.
TJ, JUNCTION TEMPERATURE
TJ, JUNCTION TEMPERATURE
Figure 11. Typical switching times as a
function of junction temperature
(inductive load,
VCE=600V,
VGE=0/15V, IC=20A, RG=29Ω,
Dynamic test circuit in Figure E)
Figure 12. Gate-emitter threshold voltage as a
function of junction temperature
(
IC = 0.5mA)


Similar Part No. - IHW20N120R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW20N120R2 INFINEON-IHW20N120R2 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
More results

Similar Description - IHW20N120R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
790Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.2 2009-11-18
IHY20N120R3 INFINEON-IHY20N120R3 Datasheet
933Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.1 2009-11-25
IKW40N65WR5 INFINEON-IKW40N65WR5_16 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-12-10
IHW20N120R5 INFINEON-IHW20N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
IHW15N120R INFINEON-IHW15N120R Datasheet
370Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2.1 July 06
IHW20N65R5 INFINEON-IHW20N65R5_15 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
IHW30N110R3 INFINEON-IHW30N110R3 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IHW40N120R5 INFINEON-IHW40N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
V2.3 2019-09-20
IHW30N110R5 INFINEON-IHW30N110R5 Datasheet
1Mb / 15P
   Reverse-Conducting IGBT with monolithic body diode
Revision 1.00 2022-05-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com