Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A4533-01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1A4533-01
Description  Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1A4533-01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1A4533-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1A4533-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1A4533-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1A4533-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions
A
ATC
ATM
Catalog
‡Ω•∑
1∑
1⁄Ω¢∑
1‹Ω•∑
1⁄Ω™∑
B
C
Board
Number
(22.2mm)
(25.4mm)
(31.8mm)
(34.93mm)
(38.10mm
20mm
——
Tabs
(4 holes)
Thickness
1A5778-
.464”
.144”
.065∑ ± .002∑
.062∑
(11.79)
(3.66)
(1.65 ± .05)
(1.57)
1A5779-
.464”
.144”
.065∑ ± .002∑
.062∑
(11.79)
(3.66)
(1.65 ± .05)
(1.57)
1A5780-
.560
.200”
.100∑ ± .002∑
.062∑
(14.22)
( 5.08)
(2.54 ± .05)
(1.57)
1A3398-
1.00∑
1.125∑
1.375∑
295∑- .305∑
.067∑ - .070∑
.093∑
1A1907-
(25.40)
(28.58)
(34.920)
(7.49 - 7.75)
(1.70 - 1.78)
(2.36)
1A1119-
1.00∑
1.125∑
1.375∑
.295∑ - .305∑
.093∑ ± .002∑
.062∑ to .125∑
(25.40)
(28.58)
(34.92)
(7.49- 7.75)
(2.36 ± .05)
(1.57 to 3.18)
1A1120-
1.00∑
1.125∑
1.375∑
.295∑- .305∑
.093∑ ± .002∑
.062∑ to .125∑
(25.40)
(28.58)
(34.920)
(7.49 - 7.75)
(2.36 ± .05)
(1.57 to 3.18)
1A3399-
.875∑
.200∑
.067∑ - .070∑
093”
(22.23)
(5.08)
(1.70 - 1.78)
(2.36)
1A3400-
1.50∑
1.625∑
.405∑
.091∑ - .095∑
.125∑
(38.10)
(41.28)
(10.29)
(2.31 - 2.41)
(3.18)
1A4533-
1.00∑
1.125∑
1.375∑
.300∑
.067∑ - .070∑
.062∑
(25.40)
(28.58)
(34.920)
(7.62)
(1.70 - 1.78)
(1.57)
1A4534-
1.00∑
1.125∑
1.375∑
.300∑
.067∑ - .070∑
.062∑
(25.40)
(28.58)
(34.920)
(7.62)
(1.70 - 1.78)
(1.57)
1A5018-
.820∑ ± .015∑
.180∑
.053∑ - .002∑
.093∑
(20.80 ± .38)
(4.6)
(1.35 - 0.05)
(2.36)
1A5600-
.200∑
.052∑ ± .003∑
.125∑ max.
(5.08)
(1.32 ± .077)
(3.18)
1A5601-
.820∑ ± .015∑
.266∑
.067∑ ± .003∑
.062∑
(20.80 ± .38)
(6.76)
(1.70 ± .074)
(1.57)
1A5602-
.220∑
.125∑ max.
(5.588)
(3.175)
Fuse Clips for Printed Circuit Boards
1AXXXX
For ATC, 5mm, ⁄Ω¢∑ & ⁄‹Ω£™∑ Diameter Fuses
Series
Form No. 1AXXXX Series
Page 4 of 4
BIF Doc #2131
Bussmann®
9-7-99
SB99168
Rev. A
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin
is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass
**Beryllium copper recommended for currents higher than 15 amps (⁄Ω¢∑ clips).
Footprint
Dimensional Data
A
B
B
C


Similar Part No. - 1A4533-01

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A4533-01 COOPER-1A4533-01 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
1A4533-01 COOPER-1A4533-01 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
Eaton All Rights Reserv...
1A4533-01-R EATON-1A4533-01-R Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
More results

Similar Description - 1A4533-01

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
1A1119-04 COOPER-1A1119-04 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
1A1119-04 COOPER-1A1119-04_13 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
01020071 LITTELFUSE-01020071_V01 Datasheet
890Kb / 2P
   102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
52000001009 LITTELFUSE-52000001009_V01 Datasheet
874Kb / 1P
   520/521/102071 Series Circuit Board Mount Fuse Clips for 5mm & 6.3mm Diameter Fuses
Revised: 02/16/15
01000054Z LITTELFUSE-01000054Z_V01 Datasheet
334Kb / 2P
   100/445/030/520 Series Circuit Board Mount Fuse Clips for 5mm Diameter Fuses
Revised: GD. 04/13/22
01050003H LITTELFUSE-01050003H_V01 Datasheet
675Kb / 1P
   105/106/125 Series Circuit Board Mount Clips for Midget (13/32?? Diameter Fuses
Revised: 01/31/20
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com