Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4250CK3-5.0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B4250CK3-5.0
Description  250 mA CMOS Low Dropout LDO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B4250CK3-5.0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B4250CK3-5.0 Datasheet HTML 1Page - List of Unclassifed Manufacturers B4250CK3-5.0 Datasheet HTML 2Page - List of Unclassifed Manufacturers B4250CK3-5.0 Datasheet HTML 3Page - List of Unclassifed Manufacturers B4250CK3-5.0 Datasheet HTML 4Page - List of Unclassifed Manufacturers B4250CK3-5.0 Datasheet HTML 5Page - List of Unclassifed Manufacturers B4250CK3-5.0 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bay Linear, Inc
2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
250 mA CMOS Low Dropout LDO
B4250
Pin Connection
Ordering Information
-40
°°°°C to +125°°°°C
Package
Part No.
SOT-23
B4250CK3 -X.X
SOT-89
B4250CR-X.X
X.X = Fixed Output Voltages from 2.0V to 6.0V
Description
The B4250 series are a group of positive output voltage,
three-pin regulators, which provide a high current even
when the input/output voltage differential is small. Low
power consumption and high accuracy is achieved
though CMOS and programmable fuse technologies.
Output voltage: 2.0V to 6.0V in 0.1V increments.
The
B4250
consists
of
a
high-precision
voltage
reference, an error correction circuit, and a current
limited output driver.
Available in SOT-23 (150mW) and SOT-89 (500mW)
packages minimizing the usage of board real state.
Features
Maximum output current: 250 mA.
Highly accurate: Output voltage +/- 2%. (1%)
CMOS low power consumption.
Small input/output differential:
0.38V at 160mA
(Vout=3.3V)
0.12V at 100mA (Vout=5V)
Pin-to-Pin Improve XC62FP/XC6201
Applications
Battery Powered Equipment
Notebook PC, Palmtops, PDA
Portable Cameras and Video Recorders
Reference Voltage Sources
SOT-23-3 (K3)
Top View
Vout
Vin
Vss
3
2
1
Top View
SOT-89 (R)
1
2
3
Vss
Vin Vout
2
Vin
Bay Linear
Bay Linear
Bay Linear
Bay Linear
Inspire the Linear Power
Inspire the Linear Power
Inspire the Linear Power
Inspire the Linear Power


Similar Part No. - B4250CK3-5.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
B4251CK5 ETC-B4251CK5 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
B4251CR ETC-B4251CR Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
More results

Similar Description - B4250CK3-5.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4151 ETC1-B4151 Datasheet
52Kb / 4P
   150 mA CMOS Low Dropout LDO
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
STMicroelectronics
LDLN025 STMICROELECTRONICS-LDLN025 Datasheet
1Mb / 22P
   250 mA ultra low noise LDO
logo
ON Semiconductor
NCP136 ONSEMI-NCP136 Datasheet
429Kb / 15P
   LDO Regulator - Very Low Dropout, CMOS, Bias Rail 700 mA
July, 2020 ??Rev. 4
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP156 ONSEMI-NCP156 Datasheet
152Kb / 9P
   LDO Regulator - Dual, Camera Modules, Low Iq, Very Low Dropout, Ultra Low Noise 500 mA, 250 mA
September, 2019 ??Rev. 1
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com