Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS623AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS623AD
Description  Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS623AD Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS623AD Datasheet HTML 1Page - NXP Semiconductors 74ALS623AD Datasheet HTML 2Page - NXP Semiconductors 74ALS623AD Datasheet HTML 3Page - NXP Semiconductors 74ALS623AD Datasheet HTML 4Page - NXP Semiconductors 74ALS623AD Datasheet HTML 5Page - NXP Semiconductors 74ALS623AD Datasheet HTML 6Page - NXP Semiconductors 74ALS623AD Datasheet HTML 7Page - NXP Semiconductors 74ALS623AD Datasheet HTML 8Page - NXP Semiconductors 74ALS623AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
74ALS620A/74ALS620A-1
74ALS623A/74ALS623A-1
Transceivers
74ALS620A/74ALS620A-1 Octal bus transceiver, inverting (3-State)
74ALS623A/74ALS623A-1 Octal bus transceiver, non-inverting (3-State)
2
1991 Feb 08
853–0020 01670
FEATURES
Octal bidirectional bus interface
3-State buffer outputs sink 24mA and source 15mA
The -1 version sinks 48mA I
OL within the +5% VCC range
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS620A/620A-1
4.0ns
33mA
74ALS623A/623A-1
4.0ns
38mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
20-pin plastic DIP
74ALS620AN, 74ALS620A-1N
74ALS623AN, 74ALS623A-1N
SOT146-1
20-pin plastic SOL
74ALS620AD, 74ALS620A-1D
74ALS623AD, 74ALS623A-1D
SOT163-1
DESCRIPTION
The 74ALS620A and 74ALS623A are octal transceiver featuring
3-State bus compatible outputs in both transmit and receive
directions. The 74ALS620A is an inverting version of the
74ALS623A. The outputs are capable of sinking 24mA and sourcing
up to 15mA, providing very good capacitive drive characteristics.
The outputs for the 74ALS620A-1 and 74ALS623A are capable of
sinking up to 48mA when within the
±5% VCC range.
These octal bus transceivers are designed for asynchronous
two-way communication between data buses. The control function
implementation allows for maximum flexibility in timing.
These devices allow data transmission from the A bus to the B bus
or from B bus to A bus, depending on the logic levels at the enable
inputs (OEBA and OEAB). The enable inputs can be used to disable
the device so that the buses are effectively isolated. The
dual-enable configuration gives the 74ALS620A and 74ALS623A the
capability to store data by the simultaneous enabling of OEBA and
OEAB. Each output reinforces its input in this transceiver
configuration. Thus when both control inputs are enabled and all
other data sources to the two sets of the bus lines are at high
impedance, both sets of the bus lines (16 in all) will remain at their
last states.
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 – A7, B0 – B7
Data inputs
1.0/1.0
20
µA/0.1mA
OEBA, OEAB
Output Enable inputs
1.0/1.0
20
µA/0.1mA
A0 – A7, B0 – B7
Data outputs
750/240
15mA/24mA
A0 – A7, B0 – B7
Data outputs (-1 version)
750/480
15mA/48mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
PIN CONFIGURATION – 74ALS620A/74ALS620A-1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OEBA
B0
B1
B2
B3
B4
B6
B5
B7
SC00101
PIN CONFIGURATION – 74ALS623A/74ALS623A-1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OEBA
B0
B1
B2
B3
B4
B6
B5
B7
SC00102


Similar Part No. - 74ALS623AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1 PHILIPS-74ALS645A-1 Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1N PHILIPS-74ALS645A-1N Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AD PHILIPS-74ALS645AD Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AN PHILIPS-74ALS645AN Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results

Similar Description - 74ALS623AD

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MAX13080E ARTSCHIP-MAX13080E Datasheet
3Mb / 24P
   Transceivers
logo
Unisonic Technologies
UTRS3088 UTC-UTRS3088 Datasheet
227Kb / 8P
   TRANSCEIVERS
logo
Linear Technology
LTC1321ISW LINER-LTC1321ISW Datasheet
337Kb / 20P
   Transceivers
logo
NXP Semiconductors
74F641 PHILIPS-74F641 Datasheet
92Kb / 10P
   Transceivers
1999 Jan 08
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Microsemi Corporation
MDU19XX MICROSEMI-MDU19XX Datasheet
841Kb / 2P
   WAVEGUIDE TRANSCEIVERS
MDU1020 MICROSEMI-MDU1020_1 Datasheet
836Kb / 2P
   PLANAR TRANSCEIVERS
logo
OPLINK Communications I...
DTR-XXX-LS-W OPLINK-DTR-XXX-LS-W Datasheet
215Kb / 9P
   Multimode Transceivers
logo
Texas Instruments
TLK1211 TI1-TLK1211 Datasheet
412Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com