Electronic Components Datasheet Search |
|
S82J-01024N Datasheet(PDF) 6 Page - Omron Electronics LLC |
|
S82J-01024N Datasheet(HTML) 6 Page - Omron Electronics LLC |
6 / 20 page L-84 Switching Power Supply S82J Note: 1. DC inputs not included in safety standard approvals. 2. At 100% load for rated input voltage (100 VAC or 200 VAC). 3. The output specification is defined at the power supply output terminals. 4. For resetting, turn OFF the power supply, leave for more than three minutes (90 seconds min. for the 300-W models), and then turn ON the power supply. 5. For resetting, turn OFF the power supply, leave for more than one minute, and then turn ON the power supply. 6. To ensure the Emission Enclosure rating ferrite ring cores (recommended model: S82Y-JC-T) should be used on all cabling. 7. To ensure the Emission AC Mains rating for EN50081-1 (only for 200-VAC input), a noise filter (recommended models: S82Y-JF3-N for 300-W, S82Y-JF6-N for 600-W) should be used on the input lines. 8. With UL508, 150-W connector type has “Recognized” approval. 9. The weight indicated is the weight of the open-frame type. (Includes the covers for 300-W and 600-W models) 10. Class 2 approved for 10-W, 25-W (except for 5-V output), and 50-W (only for 24-V output) models. I Reference Value Other Ambient temperature Operating: See the derating curve in the Engineering Data section. Storage: −25 to 65°C (with no condensation and icing) Ambient humidity Operating: 25% to 85% Storage: 25% to 90% Dielectric strength 3.0 kVAC, 50/60 Hz for 1 min (between all inputs and all outputs) 2.2 kVAC, 50/60 Hz for 1 min (between all inputs and GR terminal) 1.0 kVAC, 50/60 Hz for 1 min (between all outputs and GR terminal) Insulation resistance 100 M Ω min. (between all outputs and all inputs/GR terminals at 500 VDC) Vibration resistance 10 to 55 Hz, 0.375-mm double amplitude for 2 h each in X, Y, and Z directions Shock resistance 300 m/s2, 3 times each in ±X, ±Y, and ±Z directions Terminal screw tightening 0.74 N·m 1.08 N·m Output indicator Yes (green) Electromagnetic interference (See note 2.) Conforms to FCC Class A EMC Emission Enclosure: EN55011 class A Emission AC Mains: EN55011 class A Immunity ESD: EN61000-4-2: 4 kV contact discharge (level 2) 8 kV air discharge (level 3) Immunity RF-interference: ENV50140: 10 Vm (80 MHz to 1 GHz) (level 3) Immunity Conducted Disturbance: ENV50141: 10 V (0.5 to 80 MHz) (level 3) Immunity Burst: EN61000-4-4: 2 kV power-line (level 3) 2 kV output line (level 4) EMC standards Conforms to EN50081-2 and EN50082-2 Conforms to EN50081-2 and EN50082-2 (See note 6.) With noise filter, confirms to EN50081-1 (See note 6 and 7.) Approved standards UL UL508 (Listing), 1950, Class 2 (per UL1310) (See note 10.) UL508 (Listing), 1012, 1950 (See note 8.) UL508/1012 CSA CSA C22.2 No. 14, No. 950, Class 2 (See note 10.) CSA C22.2 No. 14, No. 950 CSA EB1402C VDE EN50178 (VDE0160) and EN60950 Terminal types (only terminal part): VDE0106/P100 Weight (See note 9.) 250 g max. 350 g max. 400 g max. 500 g max. 1,000 g max. 2,000 g max. 2,500 g max. Item 100 to 240 VAC input 100 or 200 VAC (selected automatically) 100 or 200 VAC (selectable) 10 W 25 W 50 W 100 W (24 V) 100 W (5, 12, 15 V) 150 W 300 W 600 W Item Value Definition Reliability (MTBF) 135,000 hours min. MTBF stands for Mean Time Between Failures, which is calculated according to the probabil- ity of accidental device failures, and indicates reliability of devices. Therefore, it does not nec- essarily represent a life of the product. Life expectancy 10 yrs. min. The life expectancy indicates average operating hours under the ambient temperature of 40 °C and a load rate of 50%. Normally this is determined by the life expectancy of the built- in aluminum electrolytic capacitor. |
Similar Part No. - S82J-01024N |
|
Similar Description - S82J-01024N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |