Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C04314BV-100BGC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C04314BV-100BGC
Description  10 Gb/s 3.3V QuadPort DSE Family
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C04314BV-100BGC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C04314BV-100BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C04314BV-100BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C04314BV-100BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C04314BV-100BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C04314BV-100BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C04314BV-100BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C04314BV-100BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C04314BV-100BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C04314BV-100BGC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
CY7C0430BV
CY7C04312BV
CY7C04314BV
Document #: 38-06027 Rev. *A
Page 6 of 37
Selection Guide
CY7C04312BV
-133
CY7C04312BV
-100
Unit
fMAX2
133[1]
100
MHz
Max Access Time (Clock to Data)
4.2
5.0
ns
Max Operating Current ICC
750
600
mA
Max Standby Current for ISB1 (All ports TTL Level)
200
150
mA
Max Standby Current for ISB3 (All ports CMOS Level)
15
15
mA
Pin Definitions
Port 1
Port 2
Port 3
Port 4
Description
A0P1–A15P1
A0P2–A15P2
A0P3–A15P3
A0P4–A15P4
Address Input/Output.
I/O0P1–I/O17P1 I/O0P2–I/O17P2 I/O0P3–I/O17P3 I/O0P4–I/O17P4 Data Bus Input/Output.
CLKP1
CLKP2
CLKP3
CLKP4
Clock Input. This input can be free running or strobed.
Maximum clock input rate is fMAX.
LBP1
LBP2
LBP3
LBP4
Lower Byte Select Input. Asserting this signal LOW
enables read and write operations to the lower byte. For
read operations both the LB and OE signals must be
asserted to drive output data on the lower byte of the data
pins.
UBP1
UBP2
UBP3
UBP4
Upper Byte Select Input. Same function as LB, but to
the upper byte.
CE0P1,CE1P1
CE0P2,CE1P2
CE0P3,CE1P3
CE0P4,CE1P4
Chip Enable Input. To select any port, both CE0 AND
CE1 must be asserted to their active states (CE0 ≤ VIL
and CE1 ≥ VIH).
OEP1
OEP2
OEP3
OEP4
Output Enable Input. This signal must be asserted LOW
to enable the I/O data lines during read operations. OE
is asynchronous input.
R/WP1
R/WP2
R/WP3
R/WP4
Read/Write Enable Input. This signal is asserted LOW
to write to the dual port memory array. For read opera-
tions, assert this pin HIGH.
MRST
Master Reset Input. This is one signal for All Ports.
MRST is an asynchronous input. Asserting MRST LOW
performs all of the reset functions as described in the text.
A MRST operation is required at power-up.
CNTRSTP1
[6]
CNTRSTP2
[6]
CNTRSTP3
[6]
CNTRSTP4
[6]
Counter Reset Input. Asserting this signal LOW resets
the burst address counter of its respective port to zero.
CNTRST is second to MRST in priority with respect to
counter and mask register operations.
MKLDP1
[6]
MKLDP2
[6]
MKLDP3
[6]
MKLDP4
[6]
Mask Register Load Input. Asserting this signal LOW
loads the mask register with the external address
available on the address lines. MKLD operation has
higher priority over CNTLD operation.
CNTLDP1
[6]
CNTLDP2
[6]
CNTLDP3
[6]
CNTLDP4
[6]
Counter Load Input. Asserting this signal LOW loads
the burst counter with the external address present on
the address pins.
CNTINCP1
[6]
CNTINCP2
[6]
CNTINCP3
[6]
CNTINCP4
[6]
Counter Increment Input. Asserting this signal LOW
increments the burst address counter of its respective
port on each rising edge of CLK.


Similar Part No. - CY7C04314BV-100BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0430BV CYPRESS-CY7C0430BV Datasheet
940Kb / 37P
   10 Gb/s 3.3V QuadPort??DSE Family
CY7C0430BV-100BGC CYPRESS-CY7C0430BV-100BGC Datasheet
940Kb / 37P
   10 Gb/s 3.3V QuadPort??DSE Family
CY7C0430BV-100BGC CYPRESS-CY7C0430BV-100BGC Datasheet
946Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
CY7C0430BV-100BGI CYPRESS-CY7C0430BV-100BGI Datasheet
940Kb / 37P
   10 Gb/s 3.3V QuadPort??DSE Family
CY7C0430BV-100BGI CYPRESS-CY7C0430BV-100BGI Datasheet
946Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
More results

Similar Description - CY7C04314BV-100BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0430BV CYPRESS-CY7C0430BV_09 Datasheet
946Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
CY7C0430BV CYPRESS-CY7C0430BV_06 Datasheet
940Kb / 37P
   10 Gb/s 3.3V QuadPort??DSE Family
logo
Vitesse Semiconductor C...
VSC7980 VITESSE-VSC7980 Datasheet
408Kb / 2P
   Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family
logo
Keysight Technologies
N4970A KEYSIGHT-N4970A Datasheet
2Mb / 6P
   PRBS generator 10 Gb/s
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
   3.3V 64K x 18 Synchronous QuadPort??Static RAM
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com