Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82J-60012 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # S82J-60012
Description  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82J-60012 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button S82J-60012 Datasheet HTML 5Page - Omron Electronics LLC S82J-60012 Datasheet HTML 6Page - Omron Electronics LLC S82J-60012 Datasheet HTML 7Page - Omron Electronics LLC S82J-60012 Datasheet HTML 8Page - Omron Electronics LLC S82J-60012 Datasheet HTML 9Page - Omron Electronics LLC S82J-60012 Datasheet HTML 10Page - Omron Electronics LLC S82J-60012 Datasheet HTML 11Page - Omron Electronics LLC S82J-60012 Datasheet HTML 12Page - Omron Electronics LLC S82J-60012 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Switching Power Supply
S82J
L-87
I Installation
10-/25-/50-/100-/150-W Models
Note: 10-/25-/50-/100 (24 V)-W models are available only as Front Terminal Models.
Types of Connector for the Connector Model (Housing and Terminal Not Included)
Note: The permissible current of the output connector is 8 A per pin.
S82J-60024
@ (600 W)
Parallel operation selector
100/200 V (selectable)
Noise filter
Detector
Photocoupler
Photocoupler
Fan
DC Output
Input
Fuse
20 A
Rectifier and
smoothing circuit
Inrush current
protection circuit
Control
circuit
Overcurrent
detector
Overheat
detector
Rectifier and
smoothing
circuit
Overvoltage
detector
Note:
Short-circuit the input voltage selector
terminals if the input is 100 to 120 VAC.
Keep the terminals open if the input is 200
to 230 VAC.
Connector
Connector on the PCB side
Housing
Terminal
Input
Wafer (Made by Molex) 5277-04A-RE
Housing (Made by Molex) 5196-04-RE or
5196-04
Terminal (Made by Molex) 5194T or
5194TL
Output
Tab header (Made by Nippon AMP)
1-178140-5
Rise housing (Made by Nippon AMP)
1-178129-6
Rise contact (Made by Nippon AMP)
1-175196-5 or 1-175218-5
5
6
1
3
2
+V
−V
AC (L)
AC (N)
5
6
1
3
2
+V
−V
AC (L)
AC (N)
5
6
1
3
2
+V
−V
AC (L)
AC (N)
9
NC
Front Terminals Model
Top Terminals Model
Connector Model
GR
GR
GR


Similar Part No. - S82J-60012

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82J-60012

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57238S0259M000 EPCOS-B57238S0259M000_1 Datasheet
62Kb / 3P
   Switch-mode power supplies
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com