Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1339B-100AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1339B-100AI
Description  128K x 32 Synchronous Pipelined Cache RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1339B-100AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1339B-100AI Datasheet HTML 1Page - Cypress Semiconductor CY7C1339B-100AI Datasheet HTML 2Page - Cypress Semiconductor CY7C1339B-100AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1339B-100AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1339B-100AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1339B-100AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1339B-100AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1339B-100AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1339B-100AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CY7C1339B
Document #: 38-05141 Rev. *A
Page 3 of 17
Pin Configurations (continued)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
NC
DQc
DQd
DQc
DQd
AA
A
A
ADSP
VDDQ
CE2
A
DQc
VDDQ
DQc
VDDQ
VDDQ
VDDQ
DQd
DQd
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
VDD
DNU
DNU
DNU
DNU
NC
NC
NC
VDDQ
VDDQ
VDDQ
AA
A
A
NC
A
A
A
A
A
A
A0
A1
DQa
DQc
DQa
DQa
DQa
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQa
DQa
DQa
DQa
DQb
VDD
DQc
DQc
DQc
VDD
DQd
DQd
DQd
DQd
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
MODE
NC
NC
BWb
BWc
NC
VDD
NC
BWa
NC
BWE
BWd
ZZ
CY7C1339B (128K × 32)
119-ball BGA


Similar Part No. - CY7C1339B-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100AC CYPRESS-CY7C1339F-100AC Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100AI CYPRESS-CY7C1339F-100AI Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100BGC CYPRESS-CY7C1339F-100BGC Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F-100BGI CYPRESS-CY7C1339F-100BGI Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1339B-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329_04 Datasheet
352Kb / 15P
   64K x 32 Synchronous-Pipelined Cache RAM
CY7C1329 CYPRESS-CY7C1329 Datasheet
276Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Weida Semiconductor, In...
WCSS0232V1P WEIDA-WCSS0232V1P Datasheet
375Kb / 14P
   64K x 32 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
   128K x 32 Synchronous-Pipelined RAM
logo
Integrated Device Techn...
IDT71F432 IDT-IDT71F432 Datasheet
40Kb / 5P
   32k X 32 mcACHE synchronous pipelined cache ram
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1338B CYPRESS-CY7C1338B Datasheet
600Kb / 18P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
CY7C1338 CYPRESS-CY7C1338 Datasheet
277Kb / 16P
   128K x 32 Synchronous-Flow-Through 3.3V Cache RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com