Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS652D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALS652D
Description  Transceiver/register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS652D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALS652D Datasheet HTML 3Page - NXP Semiconductors 74ALS652D Datasheet HTML 4Page - NXP Semiconductors 74ALS652D Datasheet HTML 5Page - NXP Semiconductors 74ALS652D Datasheet HTML 6Page - NXP Semiconductors 74ALS652D Datasheet HTML 7Page - NXP Semiconductors 74ALS652D Datasheet HTML 8Page - NXP Semiconductors 74ALS652D Datasheet HTML 9Page - NXP Semiconductors 74ALS652D Datasheet HTML 10Page - NXP Semiconductors 74ALS652D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product specification
74ALS651/74ALS651-1
74ALS652/74ALS652-1
Transceiver/register
1991 Feb 08
7
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VCC±10%, VIL = MAX,
IOH = –0.4mA VCC – 2
V
VOH
High-level output voltage
CC
,
IL
,
VIH = MIN
IOH = –3mA
2.4
3.2
V
VOH
High level out ut voltage
VCC = MIN, VIL = MAX,
VIH = MIN
IOH = –15mA
2.0
V
All versions
VCC = MIN, VIL = MAX,
IOL = 12mA
0.25
0.40
V
VOL
Low-level output
lt
All versions
CC
,
IL
,
VIH = MIN
IOL = 24mA
0.35
0.50
V
VOL
voltage
-1 versions
VCC = 4.75V, VIL = MAX,
VIH = MIN
IOL = 48mA
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.5
V
I
Input current at
control inputs
VCC = MAX, VI = 7.0V
0.1
mA
II
maximum input voltage
A or B ports
VCC = MAX, VI = 5.5V
0.1
mA
IIH
High-level input current3
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current3
VCC = MAX, VI = 0.4V
–0.1
mA
IO
Output current4
VCC = MAX, VO = 2.25V
–30
–112
mA
74ALS651/
ICCH
32
50
mA
74ALS651/
74ALS651-1
ICCL
VCC = MAX
45
68
mA
ICC
Supply current (total)
74ALS651 1
ICCZ
44
68
mA
ICC
Supply current (total)
ICCH
36
58
mA
74ALS652/
74ALS652-1
ICCL
VCC = MAX
53
78
mA
74ALS652-1
ICCZ
49
72
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. For I/O ports, the parameter IIH and IIL include the off-state current.
4. The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
AC ELECTRICAL CHARACTERISTICS FOR 74ALS651/74ALS651-1
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
100
MHz
tPLH
tPHL
Propagation delay
CPBA to An, CPAB to Bn
Waveform 1
5.0
6.0
13.0
13.0
ns
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
Waveform NO TAG, 3
1.0
2.0
7.0
9.0
ns
tPLH
tPHL
Propagation delay
SBA to An or SAB to Bn (A or B Low)
Waveform NO TAG, 3
6.0
5.0
14.0
11.0
ns
tPLH
tPHL
Propagation delay
SBA to An or SAB to Bn (A or B High)
Waveform NO TAG, 3
4.0
5.0
11.0
12.0
ns
tPZH
tPZL
Output enable time
OEBA to An
Waveform 7
Waveform 8
2.0
5.0
8.0
12.0
ns
tPHZ
tPLZ
Output disable time
OEBA to An
Waveform 7
Waveform 8
2.0
3.0
8.0
10.0
ns
tPZH
tPZL
Output enable time
OEAB to Bn
Waveform 7
Waveform 8
2.0
5.0
9.0
12.0
ns
tPHZ
tPLZ
Output disable time
OEAB to Bn
Waveform 7
Waveform 8
3.0
5.0
11.0
13.0
ns


Similar Part No. - 74ALS652D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS620A PHILIPS-74ALS620A Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1 PHILIPS-74ALS620A-1 Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1D PHILIPS-74ALS620A-1D Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1N PHILIPS-74ALS620A-1N Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620AD PHILIPS-74ALS620AD Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
More results

Similar Description - 74ALS652D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
logo
NXP Semiconductors
74ALS646 PHILIPS-74ALS646 Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/REGISTER
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com