Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS652D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALS652D
Description  Transceiver/register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS652D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALS652D Datasheet HTML 4Page - NXP Semiconductors 74ALS652D Datasheet HTML 5Page - NXP Semiconductors 74ALS652D Datasheet HTML 6Page - NXP Semiconductors 74ALS652D Datasheet HTML 7Page - NXP Semiconductors 74ALS652D Datasheet HTML 8Page - NXP Semiconductors 74ALS652D Datasheet HTML 9Page - NXP Semiconductors 74ALS652D Datasheet HTML 10Page - NXP Semiconductors 74ALS652D Datasheet HTML 11Page - NXP Semiconductors 74ALS652D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
74ALS651/74ALS651-1
74ALS652/74ALS652-1
Transceiver/register
1991 Feb 08
8
AC ELECTRICAL CHARACTERISTICS FOR 74ALS652/74ALS652-1
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
100
MHz
tPLH
tPHL
Propagation delay
CPBA to An, CPAB to Bn
Waveform 1
5.0
6.0
13.0
13.0
ns
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
Waveform NO TAG, 3
2.0
4.0
8.0
9.0
ns
tPLH
tPHL
Propagation delay
SBA to An or SAB to Bn (A or B Low)
Waveform NO TAG, 3
4.0
5.0
11.0
11.0
ns
tPLH
tPHL
Propagation delay
SBA to An or SAB to Bn (A or B High)
Waveform NO TAG, 3
6.0
5.0
14.0
11.0
ns
tPZH
tPZL
Output enable time
OEBA to An
Waveform 7
Waveform 8
2.0
5.0
8.0
11.0
ns
tPHZ
tPLZ
Output disable time
OEBA to An
Waveform 7
Waveform 8
2.0
3.0
8.0
10.0
ns
tPZH
tPZL
Output enable time
OEAB to Bn
Waveform 7
Waveform 8
2.0
5.0
9.0
11.0
ns
tPHZ
tPLZ
Output disable time
OEAB to Bn
Waveform 7
Waveform 8
3.0
5.0
11.0
13.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tsu (H)
tsu (L)
Setup time, High or Low
An or Bn to CPAB or CPBA
Waveform 4
5.0
5.0
ns
th (H)
th (L)
Hold time, High or Low
An or Bn to CPAB or CPBA
Waveform 4
0.0
1.0
ns
tsu (H)
tsu (L)
Setup time, High or Low1
OEBA to OEAB or OEAB to OEBA
Waveform 5, 6
5.0
5.0
ns
th (H)
th (L)
Hold time, High or Low
OEBA to OEAB or OEAB to OEBA
Waveform 5, 6
0.0
0.0
ns
tw (H)
tw (L)
Pulse width, High or Low
CPAB or CPBA
Waveform 1
6.0
4.0
ns
NOTE:
1. Setup time is to protect against current surge caused by enabling 16 outputs (24mA per output) simultaneously.


Similar Part No. - 74ALS652D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS620A PHILIPS-74ALS620A Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1 PHILIPS-74ALS620A-1 Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1D PHILIPS-74ALS620A-1D Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620A-1N PHILIPS-74ALS620A-1N Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74ALS620AD PHILIPS-74ALS620AD Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
More results

Similar Description - 74ALS652D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
logo
NXP Semiconductors
74ALS646 PHILIPS-74ALS646 Datasheet
155Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/REGISTER
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com