Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR1100SC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CR1100SC
Description  Thyristors (SiBOD Breakover Devices)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CR1100SC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CR1100SC Datasheet HTML 1Page - List of Unclassifed Manufacturers CR1100SC Datasheet HTML 2Page - List of Unclassifed Manufacturers CR1100SC Datasheet HTML 3Page - List of Unclassifed Manufacturers CR1100SC Datasheet HTML 4Page - List of Unclassifed Manufacturers CR1100SC Datasheet HTML 5Page - List of Unclassifed Manufacturers CR1100SC Datasheet HTML 6Page - List of Unclassifed Manufacturers CR1100SC Datasheet HTML 7Page - List of Unclassifed Manufacturers CR1100SC Datasheet HTML 8Page - List of Unclassifed Manufacturers CR1100SC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DC SUPPLY
R
Equipment
to be
protected
VC
IH >
VC
R
SLIC PROTECTION
CR0640SB
CR0640SB
To SLIC
Line
Line
(-)
CR0640SB
To SLIC
Line
Line
(-)
(+)
(-)
or
COMPLETE PC BOARD
OPERATION PROTECTION
(-)
CR0640
SB
(-)
(+)
(-)
Integrated
SLIC
-VBattery
Line
Line
Secondary
protection
off-hook
Primary
protection
on-hook
CR2300
SB
Ring
relay
On-hook
Off-hook
On-hook
Off-hook
Ring
Generator
or Ring
Detection
Circuit
PABX PROTECTION
CR1300SB
CR1300SB
2
To Order: 1-877-502-5500 Fax: 1-858-715-7280
Thyristors (SiBOD Breakover Devices)
SiBOD
Series
Application Notes
The Added Crydom Benefit
Crydom Thyristors (SiBODBreakover
Devices) offer the highest quality and
performance. They also come with an
added benefit – service and technical
assistance to help ensure optimum pro-
tection for your telecommunications
application.
SiBOD Series
The Crydom SiBOD is a four-layer thyristor-
based protector designed specifically for
telecommunications applications. It has
greater capacity for diverting surge cur-
rents than an avalanche TVS device.
The Crydom series protector is based on
the proven technology of the SiBOD prod-
uct. Designed for transient voltage protec-
tion of telecommunications equipment, it
provides higher power handling than a
conventional avalanche diode (TVS), and
when compared to a GDT offers lower volt-
age clamping levels and infinite surge life.
Electrical Characteristics
The electrical characteristics of the
SiBOD devices are similar to those of a
self-gated Triac, but the SiBOD are two-
terminal devices with no gate. The gate
function is achieved by an internal current
controlled mechanism.
Like the TVS diodes, the SiBOD have a
stand-off voltage (VRM) that should be equal
to or greater than the operating voltage of
the system to be protected. At this voltage
(VRM) the current consumption of the SiBOD
are negligible and will not effect the pro-
tected system.
When a transient occurs, the voltage across
the SiBOD will increase until the breakdown
voltage (VBR) is reached. At this point the
device will operate in a similar way to a
TVS device and is in an avalanche mode.
The voltage of the transient will now be
limited and will only increase by a few
volts as the device diverts more current.
As this transient current rises, a level of
current through the device is reached
(IBO), causing the device to switch to a
fully conductive state such that the volt-
age across the device is now only a few
volts (VT). The voltage at which the device
switches from the avalanche mode to the
fully conductive state (VT) is known as the
breakover voltage (VBO). When the device
is in the VT state, high currents can be
diverted without damage to the SiBOD
due to the low voltage across the device,
since the limiting factor in such devices is
dissipated power (V X I).
Resetting of the device to the nonconduct-
ing state is controlled by the current flowing
through the device. When the current falls
below a certain value, known as the holding
current (IH), the device resets automatically.
As with the avalanche TVS device, if the
SiBOD device is subjected to a surge
current that is beyond its maximum rating,
the device will fail in short-circuit mode,
which ensures that the equipment is
ultimately protected.


Similar Part No. - CR1100SC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR1100SC LITTELFUSE-CR1100SC Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
More results

Similar Description - CR1100SC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com