Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVT71256C36 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # GVT71256C36
Description  256K x 36/512K x 18 Pipelined SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GVT71256C36 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button GVT71256C36 Datasheet HTML 4Page - Cypress Semiconductor GVT71256C36 Datasheet HTML 5Page - Cypress Semiconductor GVT71256C36 Datasheet HTML 6Page - Cypress Semiconductor GVT71256C36 Datasheet HTML 7Page - Cypress Semiconductor GVT71256C36 Datasheet HTML 8Page - Cypress Semiconductor GVT71256C36 Datasheet HTML 9Page - Cypress Semiconductor GVT71256C36 Datasheet HTML 10Page - Cypress Semiconductor GVT71256C36 Datasheet HTML 11Page - Cypress Semiconductor GVT71256C36 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
CY7C1366A/GVT71256C36
CY7C1367A/GVT71512C18
8
Notes:
3.
X = “Don’t Care.” H = logic HIGH. L = logic LOW.
For X36 product, WRITE = L means [BWE + BWa*BWb*BWc*BWd]*GW equals LOW. WRITE = H means [BWE + BWa*BWb*BWc*BWd]*GW equals HIGH.
For X18 product, WRITE = L means [BWE + BWa*BWb]*GW equals LOW. WRITE = H means [BWE + BWa*BWb]*GW equals HIGH.
4.
BWa enables write to DQa. BWb enables write to DQb. BWc enables write to DQc. BWd enables write to DQd.
5.
All inputs except OE must meet set up and hold times around the rising edge (LOW to HIGH) of CLK.
6.
Suspending burst generates wait cycle.
7.
For a write operation following a read operation, OE must be HIGH before the input data required set-up time plus High-Z time for OE and staying HIGH throughout
the input data hold time.
8.
This device contains circuitry that will ensure the outputs will be in High-Z during power-up.
9.
ADSP LOW along with chip being selected always initiates a Read cycle at the L-H edge of CLK. A WRITE cycle can be performed by setting WRITE LOW for
the CLK L-H edge of the subsequent wait cycle. Refer to Write timing diagram for clarification.
Burst Address Table (MODE = NC/VCC)
First
Address
(external)
Second
Address
(internal)
Third
Address
(internal)
Fourth
Address
(internal)
A...A00
A...A01
A...A10
A...A11
A...A01
A...A00
A...A11
A...A10
A...A10
A...A11
A...A00
A...A01
A...A11
A...A10
A...A01
A...A00
Burst Address Table (MODE = GND)
First
Address
(external)
Second
Address
(internal)
Third
Address
(internal)
Fourth
Address
(internal)
A...A00
A...A01
A...A10
A...A11
A...A01
A...A10
A...A11
A...A00
A...A10
A...A11
A...A00
A...A01
A...A11
A...A00
A...A01
A...A10
Truth Table[3, 4, 5, 6, 7, 8, 9]
Operation
Address Used
CE
CE2 CE2 ADSP ADSC ADV WRITE OE
CLK
DQ
Deselected Cycle, Power
Down
None
H
X
X
X
L
X
X
X
L-H
High-Z
Deselected Cycle, Power
Down
None
L
X
L
L
X
X
X
X
L-H
High-Z
Deselected Cycle, Power
Down
None
L
H
X
L
X
X
X
X
L-H
High-Z
Deselected Cycle, Power
Down
None
L
X
L
H
L
X
X
X
L-H
High-Z
Deselected Cycle, Power
Down
None
L
H
X
H
L
X
X
X
L-H
High-Z
READ Cycle, Begin Burst
External
L
L
H
L
X
X
X
L
L-H
Q
READ Cycle, Begin Burst
External
L
L
H
L
X
X
X
H
L-H
High-Z
WRITE Cycle, Begin Burst
External
L
L
H
H
L
X
L
X
L-H
D
READ Cycle, Begin Burst
External
L
L
H
H
L
X
H
L
L-H
Q
READ Cycle, Begin Burst
External
L
L
H
H
L
X
H
H
L-H
High-Z
READ Cycle, Continue Burst
Next
X
X
X
H
H
L
H
L
L-H
Q
READ Cycle, Continue Burst
Next
X
X
X
H
H
L
H
H
L-H
High-Z
READ Cycle, Continue Burst
Next
H
X
X
X
H
L
H
L
L-H
Q
READ Cycle, Continue Burst
Next
H
X
X
X
H
L
H
H
L-H
High-Z
WRITE Cycle, Continue Burst
Next
X
X
X
H
H
L
L
X
L-H
D
WRITE Cycle, Continue Burst
Next
H
X
X
X
H
L
L
X
L-H
D
READ Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
L
L-H
Q
READ Cycle, Suspend Burst
Current
X
X
X
H
H
H
H
H
L-H
High-Z
READ Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
L
L-H
Q
READ Cycle, Suspend Burst
Current
H
X
X
X
H
H
H
H
L-H
High-Z
WRITE Cycle, Suspend Burst
Current
X
X
X
H
H
H
L
X
L-H
D
WRITE Cycle, Suspend Burst
Current
H
X
X
X
H
H
L
X
L-H
D


Similar Part No. - GVT71256C36

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
GVT71256T18 CYPRESS-GVT71256T18 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
GVT71256T18T-10 CYPRESS-GVT71256T18T-10 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
GVT71256T18T-6 CYPRESS-GVT71256T18T-6 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
GVT71256T18T-67 CYPRESS-GVT71256T18T-67 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
GVT71256T18T-75 CYPRESS-GVT71256T18T-75 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
More results

Similar Description - GVT71256C36

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com