Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1355A-117BGI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1355A-117BGI
Description  256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1355A-117BGI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1355A-117BGI Datasheet HTML 1Page - Cypress Semiconductor CY7C1355A-117BGI Datasheet HTML 2Page - Cypress Semiconductor CY7C1355A-117BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1355A-117BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1355A-117BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1355A-117BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1355A-117BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1355A-117BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1355A-117BGI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
CY7C1357A
CY7C1355A
Document #: 38-05265 Rev. *A
Page 4 of 28
Pin Configurations (continued)
119-ball Bump BGA
1
2345
67
A
VCCQ
AA
NC
AA
VCCQ
B
NC
CE2
AADV/LD
ACE3
NC
C
NC
A
A
VCC
AA
NC
D
DQc
DQc
VSS
NC
VSS
DQb
DQb
E
DQc
DQc
VSS
CE1
VSS
DQb
DQb
F
VCCQ
DQc
VSS
OE
VSS
DQb
VCCQ
G
DQc
DQc
BWc
ABWb
DQb
DQb
H
DQc
DQc
VSS
WEN
VSS
DQb
DQb
J
VCCQ
VCC
NC
VCC
NC
VCC
VCCQ
K
DQd
DQd
VSS
CLK
VSS
DQa
DQa
L
DQd
DQd
BWd
NC
BWa
DQa
DQa
M
VCCQ
DQd
VSS
CEN
VSS
DQa
VCCQ
N
DQd
DQd
VSS
A1
VSS
DQa
DQa
P
DQd
DQd
VSS
A0
VSS
DQa
DQa
R
NC
A
MODE
VCC
VSS
ANC
T
NC
NC
A
A
A
NC
ZZ
U
VCCQ
TMS
TDI
TCK
TDO
NC
VCCQ
256Kx36—CY7C1355A
Top View


Similar Part No. - CY7C1355A-117BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355B CYPRESS-CY7C1355B Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355B-100AI CYPRESS-CY7C1355B-100AI Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355B-100BG CYPRESS-CY7C1355B-100BG Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355B-100BGC CYPRESS-CY7C1355B-100BGC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1355A-117BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371B CYPRESS-CY7C1371B Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com