Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1355A-100AC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1355A-100AC
Description  256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1355A-100AC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1355A-100AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1355A-100AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1355A-100AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1355A-100AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1355A-100AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1355A-100AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1355A-100AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1355A-100AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1355A-100AC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
CY7C1357A
CY7C1355A
Document #: 38-05265 Rev. *A
Page 6 of 28
51, 52, 53,
56–59, 62, 63
68, 69, 72–75,
78, 79, 80
1, 2, 3, 6–9, 12,
13
18, 19, 22–25,
28, 29, 30
(a) 6P, 7P, 7N,
6N, 6M, 6L, 7L,
6K, 7K,
(b) 7H, 6H, 7G,
6G, 6F, 6E, 7E,
7D, 6D,
(c) 2D, 1D, 1E,
2E, 2F, 1G, 2G,
1H, 2H,
(d) 1K, 2K, 1L,
2L, 2M, 1N, 2N,
1P, 2P
DQa
DQb
DQc
DQd
Input/
Output
Synchronous
Data Inputs/Outputs: Both the data input path and data output path
are registered and triggered by the rising edge of CLK. Byte “a” is
DQa pins; Byte “b” is DQb pins; Byte “c” is DQc pins; Byte “d” is DQd
pins.
38
39
43
2U
3U
4U
TMS
TDI
TCK
Input
IEEE 1149.1 test inputs: LVTTL-level inputs. If Serial Boundary Scan
(JTAG) is not used, these pins can be floating (i.e., No Connect) or
be connected to VCC.
42
5U
TDO
Output
Power
IEEE 1149.1 test output: LVTTL-level output. If Serial Boundary
Scan (JTAG) is not used, these pins can be floating (i.e., No Connect).
15, 16, 41, 65,
91
4C, 2J, 4J, 6J,
4R
VCC
Supply
Power Supply: +3.3V –5% and +5%.
5, 10, 14, 17,
21, 26, 40, 55,
60, 66, 67, 71,
76, 90
3D, 5D, 3E, 5E,
3F, 5F, 3H, 5H,
3K, 5K, 3M, 5M,
3N, 5N, 3P, 5P,
5R
VSS
Ground
Ground: GND.
4, 11, 20, 27, 54,
61, 70, 77
1A, 7A, 1F, 7F,
1J, 7J, 1M, 7M,
1U, 7U
VCCQ
I/O Power
Supply
Power Supply for the I/O circuitry.
84
4A, 1B, 7B, 1C,
7C, 4D, 3J, 5J,
4L, 1R, 7R, 1T,
2T, 6T, 6U
NC
No Connect: These signals are not internally connected. It can be
left floating or be connected to VCC or to GND.
Pin Descriptions (CY7C1357A)
512K × 18
TQFP Pins
Name
Type
Description
37,
36,
32, 33, 34, 35, 44,
45, 46, 47, 48, 49,
50, 80, 81, 82, 83,
99, 100
A0,
A1,
A
Input-
Synchronous
Synchronous Address Inputs: The address register is triggered by a
combination of the rising edge of CLK, ADV/LD LOW, CEN LOW and true
chip enables. A0 and A1 are the two least significant bits of the address
field and set the internal burst counter if burst cycle is initiated.
93,
94,
BWa,
BWb
Input-
Synchronous
Synchronous Byte Write Enables: Each nine-bit byte has its own active
low byte write enable. On load write cycles (when WEN and ADV/LD are
sampled LOW), the appropriate byte write signal (BWx) must be valid. The
byte write signal must also be valid on each cycle of a burst write. Byte
write signals are ignored when WEN is sampled HIGH. The appropriate
byte(s) of data are written into the device one cycle later. BWa controls
DQa pins; BWb controls DQb pins. BWx can all be tied LOW if always
doing write to the entire 18-bit word.
87
CEN
Input-
Synchronous
Synchronous Clock Enable Input: When CEN is sampled HIGH, all
other synchronous inputs, including clock are ignored and outputs remain
unchanged. The effect of CEN sampled HIGH on the device outputs is as
if the LOW-to-HIGH clock transition did not occur. For normal operation,
CEN must be sampled LOW at rising edge of clock.
Pin Descriptions (CY7C1355A) (continued)
256K × 36
TQFP Pins
256K × 36
PBGA Pins
Name
Type
Description


Similar Part No. - CY7C1355A-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355B CYPRESS-CY7C1355B Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355B-100AI CYPRESS-CY7C1355B-100AI Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355B-100BG CYPRESS-CY7C1355B-100BG Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355B-100BGC CYPRESS-CY7C1355B-100BGC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1355A-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371B CYPRESS-CY7C1371B Datasheet
876Kb / 26P
   512K x 36/1M x 18 Flow-Thru SRAM with NoBL Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com