Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1366A-225AJC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1366A-225AJC
Description  256K x 36/512K x 18 Pipelined SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1366A-225AJC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1366A-225AJC Datasheet HTML 1Page - Cypress Semiconductor CY7C1366A-225AJC Datasheet HTML 2Page - Cypress Semiconductor CY7C1366A-225AJC Datasheet HTML 3Page - Cypress Semiconductor CY7C1366A-225AJC Datasheet HTML 4Page - Cypress Semiconductor CY7C1366A-225AJC Datasheet HTML 5Page - Cypress Semiconductor CY7C1366A-225AJC Datasheet HTML 6Page - Cypress Semiconductor CY7C1366A-225AJC Datasheet HTML 7Page - Cypress Semiconductor CY7C1366A-225AJC Datasheet HTML 8Page - Cypress Semiconductor CY7C1366A-225AJC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
CY7C1366A/GVT71256C36
CY7C1367A/GVT71512C18
2
Notes:
1.
The Functional Block Diagram illustrates simplified device operation. See Truth Table, pin descriptions and timing diagrams for detailed information.
2.
CE2 is for TA version only.
Functional Block Diagram—256K x 36[1]
Functional Block Diagram—512K x 18[1]
DQ
DQ
BWc#
BWE#
BWd#
BYTE c WRITE
BYTE d WRITE
OUTPUT
REGISTER
OE#
ADSP#
ADSC#
Address
Register
Binary
Counter
& Logic
CLR
A
A1-A0
ADV#
MODE
Input
Register
DQa,DQb
DQc,DQd
DQ
DQ
DQ
BWa#
BWb#
GW#
BYTE a WRITE
BYTE b WRITE
CLK
DQ
DQ
ENABLE
Power Down Logic
ZZ
16
CE#
CE2
CE2#
DQ
DQ
BWb#
BWE#
BWa#
GW#
BYTE b
WRITE
BYTE a
WRITE
OUTPUT
REGISTER
OE#
ADSP#
ADSC#
Address
Register
Binary
Counter
& Logic
CLR
A
A1-A0
ADV#
MODE
Input
Register
DQa,D
Qb
DQ
DQ
DQ
ENABLE
Power Down Logic
ZZ
17
CE#
CE2
CE2#
[2]
[2]


Similar Part No. - CY7C1366A-225AJC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166AC CYPRESS-CY7C1366B-166AC Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166AI CYPRESS-CY7C1366B-166AI Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166BG CYPRESS-CY7C1366B-166BG Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166BGC CYPRESS-CY7C1366B-166BGC Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1366A-225AJC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com