Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVT71256ZC36B-10I Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # GVT71256ZC36B-10I
Description  256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GVT71256ZC36B-10I Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button GVT71256ZC36B-10I Datasheet HTML 2Page - Cypress Semiconductor GVT71256ZC36B-10I Datasheet HTML 3Page - Cypress Semiconductor GVT71256ZC36B-10I Datasheet HTML 4Page - Cypress Semiconductor GVT71256ZC36B-10I Datasheet HTML 5Page - Cypress Semiconductor GVT71256ZC36B-10I Datasheet HTML 6Page - Cypress Semiconductor GVT71256ZC36B-10I Datasheet HTML 7Page - Cypress Semiconductor GVT71256ZC36B-10I Datasheet HTML 8Page - Cypress Semiconductor GVT71256ZC36B-10I Datasheet HTML 9Page - Cypress Semiconductor GVT71256ZC36B-10I Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CY7C1354A/GVT71256ZC36
CY7C1356A/GVT71512ZC18
Document #: 38-05161 Rev. *B
Page 6 of 31
51, 52, 53, 56-
59, 62, 63
68, 69, 72-75,
78, 79, 80
1, 2, 3, 6-9, 12,
13
18, 19, 22-25,
28, 29, 30
(a) 6P, 7P, 7N,
6N, 6M, 6L, 7L,
6K, 7K,
(b) 7H, 6H, 7G,
6G, 6F, 6E, 7E,
7D, 6D,
(c) 2D, 1D, 1E,
2E, 2F, 1G, 2G,
1H, 2H,
(d) 1K, 2K, 1L,
2L, 2M, 1N, 2N,
1P, 2P
DQa
DQb
DQc
DQd
Input/
Output
Data Inputs/Outputs: Both the data input path and data output path are
registered and triggered by the rising edge of CLK. Byte “a” is DQa pins;
Byte “b” is DQb pins; Byte “c” is DQc pins; Byte “d” is DQd pins.
38
39
43
2U
3U
4U
TMS
TDI
TCK
Input
IEEE 1149.1 Test Inputs: LVTTL-level inputs. If Serial Boundary Scan
(JTAG) is not used, these pins can be floating (i.e., No Connect) or be
connected to VCC.
42
5U
TDO
Output
IEEE 1149.1 Test Output: LVTTL-level output. If Serial Boundary Scan
(JTAG) is not used, these pins can be floating (i.e., No Connect).
14, 15, 16, 41,
65, 66, 91
4C, 2J, 4J, 6J,
4R, 5R
VCC
Supply
Power Supply: +3.3V –5% and +5%.
5, 10, 17, 21,
26, 40, 55, 60,
67, 71, 76, 90
3D, 5D, 3E, 5E,
3F, 5F, 3H, 5H,
3K, 5K, 3M,
5M, 3N, 5N, 3P,
5P
VSS
Ground
Ground: GND.
4, 11, 20, 27,
54, 61, 70, 77
1A, 7A, 1F, 7F,
1J, 7J, 1M, 7M,
1U, 7U
VCCQ
I/O Supply
Output Buffer Supply: +3.3V –0.165V and +0.165V for 3.3V I/O. +2.5V
–0.125V and +0.4V for 2.5V I/O.
84
4A, 1B, 7B, 1C,
7C, 4D, 3J, 5J,
4L, 1R, 7R, 1T,
2T, 6T, 6U
NC
No Connect: These signals are not internally connected. It can be left
floating or be connected to VCC or to GND.
Pin Descriptions—256K × 36 (continued)
256K × 36
TQFP Pins
256K × 36
PBGA Pins
Pin
Name
Type
Pin Description
Pin Descriptions—512K × 18
512K × 18
TQFP Pins
512K × 18
PBGA Pins
Pin
Name
Type
Pin Description
37,
36,
32, 33, 34, 35,
44, 45, 46, 47,
48, 49, 50, 80,
81, 82, 83, 99,
100
4P
4N
2A, 3A, 5A, 6A,
3B, 5B, 6B, 2C,
3C, 5C, 6C, 4G,
2R, 6R, 2T, 3T,
5T, 6T
A0,
A1,
A
Input-
Synchronous
Synchronous Address Inputs: The address register is triggered by a
combination of the rising edge of CLK, ADV/LD LOW, CEN LOW, and
true chip enables. A0 and A1 are the two least significant bits of the
address field and set the internal burst counter if burst cycle is initiated.
93,
94,
5L
3G
BWa,
BWb
Input-
Synchronous
Synchronous Byte Write Enables: Each nine-bit byte has its own
active LOW byte Write enable. On load Write cycles (when WEN and
ADV/LD are sampled LOW), the appropriate byte Write signal (BWx)
must be valid. The byte Write signal must also be valid on each cycle of
a burst Write. Byte Write signals are ignored when WEN is sampled
HIGH. The appropriate byte(s) of data are written into the device two
cycles later. BWa controls DQa pins; BWb controls DQb pins. BWx can
all be tied LOW if always doing Write to the entire 18-bit word.
87
4M
CEN
Input-
Synchronous
Synchronous Clock Enable Input: When CEN is sampled HIGH, all
other synchronous inputs, including clock are ignored and outputs
remain unchanged. The effect of CEN sampled HIGH on the device
outputs is as if the LOW-to-HIGH clock transition did not occur. For
normal operation, CEN must be sampled LOW at rising edge of clock.


Similar Part No. - GVT71256ZC36B-10I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
GVT71256C36 CYPRESS-GVT71256C36 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-4.4 CYPRESS-GVT71256C36B-4.4 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-5 CYPRESS-GVT71256C36B-5 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-6 CYPRESS-GVT71256C36B-6 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71256C36B-6.7 CYPRESS-GVT71256C36B-6.7 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
More results

Similar Description - GVT71256ZC36B-10I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com