Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP048N06L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPP048N06L
Description  OptiMOS짰 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP048N06L Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPP048N06L Datasheet HTML 2Page - Infineon Technologies AG IPP048N06L Datasheet HTML 3Page - Infineon Technologies AG IPP048N06L Datasheet HTML 4Page - Infineon Technologies AG IPP048N06L Datasheet HTML 5Page - Infineon Technologies AG IPP048N06L Datasheet HTML 6Page - Infineon Technologies AG IPP048N06L Datasheet HTML 7Page - Infineon Technologies AG IPP048N06L Datasheet HTML 8Page - Infineon Technologies AG IPP048N06L Datasheet HTML 9Page - Infineon Technologies AG IPP048N06L Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IPP048N06L G
IPB048N06L G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=100 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
12V
30 V
48 V
0
2
4
6
8
10
12
0
40
80
120
160
200
Q gate [nC]
50
55
60
65
70
75
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
150 °C
10
3
10
2
10
1
10
0
10
3
10
2
10
1
10
0
t AV [µs]
Rev. 1.11
page 7
2006-04-20


Similar Part No. - IPP048N06L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP048N06LG INFINEON-IPP048N06LG Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.15 2010-01-13
logo
VBsemi Electronics Co.,...
IPP048N06LG VBSEMI-IPP048N06LG Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Infineon Technologies A...
IPP048N06LG INFINEON-IPP048N06LG_10 Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.15 2010-01-13
More results

Similar Description - IPP048N06L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com