Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVT71512ZC18-5I Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # GVT71512ZC18-5I
Description  256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GVT71512ZC18-5I Datasheet(HTML) 3 Page - Cypress Semiconductor

  GVT71512ZC18-5I Datasheet HTML 1Page - Cypress Semiconductor GVT71512ZC18-5I Datasheet HTML 2Page - Cypress Semiconductor GVT71512ZC18-5I Datasheet HTML 3Page - Cypress Semiconductor GVT71512ZC18-5I Datasheet HTML 4Page - Cypress Semiconductor GVT71512ZC18-5I Datasheet HTML 5Page - Cypress Semiconductor GVT71512ZC18-5I Datasheet HTML 6Page - Cypress Semiconductor GVT71512ZC18-5I Datasheet HTML 7Page - Cypress Semiconductor GVT71512ZC18-5I Datasheet HTML 8Page - Cypress Semiconductor GVT71512ZC18-5I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
CY7C1354A/GVT71256ZC36
CY7C1356A/GVT71512ZC18
Document #: 38-05161 Rev. *B
Page 3 of 31
Pin Configurations
VCCQ
VSS
DQb
DQb
DQb
VSS
VDDQ
DQb
DQb
VSS
VCC
VCC
DQa
DQa
VCCQ
VSS
DQa
DQa
VSS
VCCQ
VCCQ
VSS
DQc
DQc
VSS
VCCQ
DQc
DQc
VCC
VSS
DQd
DQd
VCCQ
VSS
DQd
DQd
DQd
VSS
VDDQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1354A/
100-lead TQFP Packages
A
NC
NC
VCCQ
VSS
NC
DQa
DQa
DQa
VSS
VCCQ
DQa
DQa
VSS
VCC
VCC
DQa
DQa
VCCQ
VSS
DQa
DQa
NC
NC
VSS
VCCQ
NC
NC
NC
NC
NC
NC
VCCQ
VSS
NC
NC
DQb
DQb
VSS
VCCQ
DQb
DQb
VCC
VSS
DQb
DQb
VCCQ
VSS
DQb
DQb
DPb
NC
VSS
VCCQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1356A/
DQc
DQc
DQc
DQc
DQc
DQd
DQd
DQd
DQd
DQb
DQb
DQa
DQa
DQa
DQa
DQa
DQb
DQb
(256K × 36)
(512K × 18)
VCC
VCC
VCC
GVT71256ZC36
GVT71512ZC18
VCC


Similar Part No. - GVT71512ZC18-5I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
GVT71512C18 CYPRESS-GVT71512C18 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71512C18B-4.4 CYPRESS-GVT71512C18B-4.4 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71512C18B-6 CYPRESS-GVT71512C18B-6 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71512C18B-6.7 CYPRESS-GVT71512C18B-6.7 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
GVT71512C18T-4.4 CYPRESS-GVT71512C18T-4.4 Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
More results

Similar Description - GVT71512ZC18-5I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com