Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB048N06L Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPB048N06L
Description  OptiMOS짰 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB048N06L Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPB048N06L Datasheet HTML 1Page - Infineon Technologies AG IPB048N06L Datasheet HTML 2Page - Infineon Technologies AG IPB048N06L Datasheet HTML 3Page - Infineon Technologies AG IPB048N06L Datasheet HTML 4Page - Infineon Technologies AG IPB048N06L Datasheet HTML 5Page - Infineon Technologies AG IPB048N06L Datasheet HTML 6Page - Infineon Technologies AG IPB048N06L Datasheet HTML 7Page - Infineon Technologies AG IPB048N06L Datasheet HTML 8Page - Infineon Technologies AG IPB048N06L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IPP048N06L G
IPB048N06L G
OptiMOS® Power-Transistor
Features
• For fast switching converters and sync. rectification
• N-channel enhancement - logic level
• 175 °C operating temperature
• Avalanche rated
• Pb-free lead plating, RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
1)
100
A
T C=100 °C
100
Pulsed drain current
I D,pulse
T C=25 °C
2)
400
Avalanche energy, single pulse
E AS
I D=100 A, R GS=25 Ω
810
mJ
Reverse diode dv /dt
dv /dt
I D=100 A, V DS=48 V,
di /dt =200 A/µs,
T j,max=175 °C
6
kV/µs
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T C=25 °C
300
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
2) See figure 3
1) Current is limited by bondwire; with an R
thJC=0.5 the chip is able to carry 161A
V DS
60
V
R DS(on),max SMDversion
4.4
m
I D
100
A
Product Summary
Type
IPP048N06L
IPB048N06L
Package
P-TO220-3-1
P-TO263-3-2
Marking
048N06L
048N06L
Rev. 1.11
page 1
2006-04-20


Similar Part No. - IPB048N06L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB048N06LG INFINEON-IPB048N06LG Datasheet
417Kb / 10P
   OptiMOS??Power-Transistor Features For fast switching converters and sync. rectification
Rev. 1.15 2010-01-13
More results

Similar Description - IPB048N06L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com