Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1362A-225AC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1362A-225AC
Description  256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1362A-225AC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1362A-225AC Datasheet HTML 1Page - Cypress Semiconductor CY7C1362A-225AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1362A-225AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1362A-225AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1362A-225AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1362A-225AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1362A-225AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1362A-225AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1362A-225AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CY7C1360A
CY7C1362A
Document #: 38-05258 Rev. *A
Page 5 of 28
256K × 36 Pin Descriptions
X36 PBGA Pins
X36 QFP Pins
Name
Type
Description
4P
4N
2A, 3A, 5A, 6A, 3B, 5B,
6B, 2C, 3C, 5C, 6C,
2R, 6R, 3T, 4T, 5T
37
36
35, 34, 33, 32, 100,
99, 82, 81, 44, 45,
46, 47, 48, 49, 50
92 (T/AJ Version)
43 (TA/A Version)
A0
A1
A
Input-
Synchronous
Addresses: These inputs are registered and must meet
the set-up and hold times around the rising edge of CLK.
The burst counter generates internal addresses
associated with A0 and A1, during burst cycle and wait
cycle.
5L
5G
3G
3L
93
94
95
96
BWa
BWb
BWc
BWd
Input-
Synchronous
Byte Write: A byte Write is LOW for a Write cycle and
HIGH for a Read cycle. BWa controls DQa. BWb controls
DQb. BWc controls DQc. BWd controls DQd. Data I/O are
high impedance if either of these inputs are LOW, condi-
tioned by BWE being LOW.
4M
87
BWE
Input-
Synchronous
Write Enable: This active LOW input gates byte Write
operations and must meet the set-up and hold times
around the rising edge of CLK.
4H
88
GW
Input-
Synchronous
Global Write: This active LOW input allows a full 36-bit
Write to occur independent of the BWE and BWn lines
and must meet the set-up and hold times around the rising
edge of CLK.
4K
89
CLK
Input-
Synchronous
Clock: This signal registers the addresses, data, chip
enables, Write control, and burst control inputs on its
rising edge. All synchronous inputs must meet set-up and
hold times around the clock’s rising edge.
4E
98
CE
Input-
Synchronous
Chip Enable: This active LOW input is used to enable the
device and to gate ADSP.
2B
97
CE2
Input-
Synchronous
Chip Enable: This active HIGH input is used to enable
the device.
(not available for
PBGA)
92
(for TA/A version
only)
CE3
Input-
Synchronous
Chip Enable: This active LOW input is used to enable the
device. Not available for B and T package versions.
4F
86
OE
Input
Output Enable: This active LOW asynchronous input
enables the data output drivers.
4G
83
ADV
Input-
Synchronous
Address Advance: This active LOW input is used to
control the internal burst counter. A HIGH on this pin
generates wait cycle (no address advance).
4A
84
ADSP
Input-
Synchronous
Address Status Processor: This active LOW input,
along with CE being LOW, causes a new external address
to be registered and a Read cycle is initiated using the
new address.
4B
85
ADSC
Input-
Synchronous
Address Status Controller: This active LOW input
causes the device to be deselected or selected along with
new external address to be registered. A Read or Write
cycle is initiated depending upon Write control inputs.
3R
31
MODE
Input-
Static
Mode: This input selects the burst sequence. A LOW on
this pin selects Linear Burst. A NC or HIGH on this pin
selects Interleaved Burst.
7T
64
ZZ
Input-
Asynchronous
Sleep: This active HIGH input puts the device in low
power consumption standby mode. For normal operation,
this input has to be either LOW or NC (No Connect).


Similar Part No. - CY7C1362A-225AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1362B CYPRESS-CY7C1362B Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AC CYPRESS-CY7C1362B-166AC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AI CYPRESS-CY7C1362B-166AI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJC CYPRESS-CY7C1362B-166AJC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJI CYPRESS-CY7C1362B-166AJI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results

Similar Description - CY7C1362A-225AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com