Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1370B-167AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1370B-167AC
Description  512K36/1M 횞 18 Pipelined SRAM with NoBL Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1370B-167AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1370B-167AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1370B-167AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1370B-167AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1370B-167AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1370B-167AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1370B-167AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1370B-167AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1370B-167AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1370B-167AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
CY7C1370B
CY7C1372B
Document #: 38-05197 Rev. **
Page 8 of 27
Cycle Description Truth Table[1, 2, 3, 4, 5, 6]
Operation
Address
Used
CE
CEN
ADV/
LD/
WE
BWSX
CLK
Comments
Deselected
External
1
0
L
X
X
L–H
I/Os three-state following next
recognized clock.
Suspend
X1
X
X
X
L–H
Clock ignored, all operations
suspended.
Begin Read
External
0
0
0
1
X
L–H
Address latched.
Begin Write
External
0
0
0
0
Valid
L–H
Address latched, data presented
two valid clocks later.
Burst Read
Operation
Internal
X
0
1
X
X
L–H
Burst Read operation. Previous
access was a Read operation.
Addresses incremented internally
in conjunction with the state of
Mode.
Burst Write
Operation
Internal
X
0
1
X
Valid
L–H
Burst Write operation. Previous
access was a Write operation.
Addresses incremented internally
in conjunction with the state of
MODE. Bytes written are deter-
mined by BWS[d:a].
Interleaved Burst Sequence
First
Address
Second
Address
Third
Address
Fourth
Address
A[1:0]
A[1:0]
A[1:0]
A[1:0]
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Sequence
First
Address
Second
Address
Third
Address
Fourth
Address
A[1:0]
A[1:0]
A[1:0]
A[1:0]
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
Notes:
1.
X = “Don't Care,” 1 = Logic HIGH, 0 = Logic LOW, CE stands for ALL Chip Enables active. BWSx = 0 signifies at least one byte Write Select is active;
BWSx = Valid signifies that the desired byte Write selects are asserted. See Write Cycle Description table for details.
2.
Write is defined by WE and BWSx. See Write Cycle Description table for details.
3.
The DQ and DP pins are controlled by the current cycle and the OE signal.
4.
CEN = 1 inserts wait states.
5.
Device will power-up deselected and the I/Os in a three-state condition, regardless of OE.
6.
OE assumed LOW.


Similar Part No. - CY7C1370B-167AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370BV25 CYPRESS-CY7C1370BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370BV25-133AC CYPRESS-CY7C1370BV25-133AC Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370BV25-133AI CYPRESS-CY7C1370BV25-133AI Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370BV25-133BGC CYPRESS-CY7C1370BV25-133BGC Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1370BV25-133BGI CYPRESS-CY7C1370BV25-133BGI Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1370B-167AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com