Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVT71256C36TA-5 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # GVT71256C36TA-5
Description  256K x 36/512K x 18 Pipelined SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

GVT71256C36TA-5 Datasheet(HTML) 5 Page - Cypress Semiconductor

  GVT71256C36TA-5 Datasheet HTML 1Page - Cypress Semiconductor GVT71256C36TA-5 Datasheet HTML 2Page - Cypress Semiconductor GVT71256C36TA-5 Datasheet HTML 3Page - Cypress Semiconductor GVT71256C36TA-5 Datasheet HTML 4Page - Cypress Semiconductor GVT71256C36TA-5 Datasheet HTML 5Page - Cypress Semiconductor GVT71256C36TA-5 Datasheet HTML 6Page - Cypress Semiconductor GVT71256C36TA-5 Datasheet HTML 7Page - Cypress Semiconductor GVT71256C36TA-5 Datasheet HTML 8Page - Cypress Semiconductor GVT71256C36TA-5 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
CY7C1366A/GVT71256C36
CY7C1367A/GVT71512C18
5
256K X 36 Pin Descriptions
X36 PBGA Pins
X36 QFP Pins
Name
Type
Description
4P
4N
2A, 3A, 5A, 6A, 3B,
5B, 6B, 2C, 3C, 5C,
6C, 2R, 6R, 3T, 4T,
5T
37
36
35, 34, 33, 32,
100, 99, 82, 81,
44, 45, 46, 47,
48, 49, 50
92 (T Version)
43 (TA Version)
A0
A1
A
Input-
Synchronous
Addresses: These inputs are registered and must meet the set
up and hold times around the rising edge of CLK. The burst
counter generates internal addresses associated with A0 and
A1, during burst cycle and wait cycle.
5L
5G
3G
3L
93
94
95
96
BWa
BWb
BWc
BWd
Input-
Synchronous
Byte Write: A byte write is LOW for a WRITE cycle and HIGH
for a READ cycle. BWa controls DQa. BWb controls DQb. BWc
controls DQc. BWd controls DQd. Data I/O are high imped-
ance if either of these inputs are LOW, conditioned by BWE
being LOW.
4M
87
BWE
Input-
Synchronous
Write Enable: This active LOW input gates byte write opera-
tions and must meet the set-up and hold times around the
rising edge of CLK.
4H
88
GW
Input-
Synchronous
Global Write: This active LOW input allows a full 36-bit Write
to occur independent of the BWE and BWn lines and must
meet the set-up and hold times around the rising edge of CLK.
4K
89
CLK
Input-
Synchronous
Clock: This signal registers the addresses, data, chip enables,
write control, and burst control inputs on its rising edge. All
synchronous inputs must meet set up and hold times around
the clock’s rising edge.
4E
98
CE
Input-
Synchronous
Chip Enable: This active LOW input is used to enable the de-
vice and to gate ADSP.
2B
97
CE2
Input-
Synchronous
Chip Enable: This active HIGH input is used to enable the de-
vice.
(not available for
PBGA)
92 (for TA
Version only)
CE2
Input-
Synchronous
Chip Enable: This active LOW input is used to enable the de-
vice. Not available for B and T package versions.
4F
86
OE
Input
Output Enable: This active LOW asynchronous input enables
the data output drivers.
4G
83
ADV
Input-
Synchronous
Address Advance: This active LOW input is used to control the
internal burst counter. A HIGH on this pin generates wait cycle
(no address advance).
4A
84
ADSP
Input-
Synchronous
Address Status Processor: This active LOW input, along with
CE being LOW, causes a new external address to be regis-
tered and a READ cycle is initiated using the new address.
4B
85
ADSC
Input-
Synchronous
Address Status Controller: This active LOW input causes de-
vice to be deselected or selected along with new external ad-
dress to be registered. A Read or Write cycle is initiated de-
pending upon write control inputs.
3R
31
MODE
Input-
Static
Mode: This input selects the burst sequence. A LOW on this
pin selects Linear Burst. A NC or HIGH on this pin selects
Interleaved Burst.
7T
64
ZZ
Input-
Asynchronous
Snooze: This active HIGH input puts the device in low power
consumption standby mode. For normal operation, this input
has to be either LOW or NC (No Connect).


Similar Part No. - GVT71256C36TA-5

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
GVT71256T18 CYPRESS-GVT71256T18 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
GVT71256T18T-10 CYPRESS-GVT71256T18T-10 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
GVT71256T18T-6 CYPRESS-GVT71256T18T-6 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
GVT71256T18T-67 CYPRESS-GVT71256T18T-67 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
GVT71256T18T-75 CYPRESS-GVT71256T18T-75 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
More results

Similar Description - GVT71256C36TA-5

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com