Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC16836A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALVC16836A
Description  20-bit registered driver with inverted register enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC16836A Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALVC16836A Datasheet HTML 1Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 2Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 3Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 4Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 5Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 6Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 7Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 8Page - NXP Semiconductors 74ALVC16836A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC16836A
20-bit registered driver with inverted register enable
(3-State)
2000 Mar 14
5
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
DC supply voltage 2.5 V range (for max. speed
performance @ 30 pF output load)
2.3
2.7
VCC
DC supply voltage 3.3 V range (for max. speed
performance @ 50 pF output load)
3.0
3.6
V
DC supply voltage (for low-voltage applications)
1.2
3.6
VI
DC Input voltage range
0
VCC
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 2.3 to 3.0 V
VCC = 3.0 to 3.6 V
0
0
20
10
ns/V
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI t0
–50
mA
V
DC input voltage
For control pins1
–0.5 to +4.6
V
VI
DC input voltage
For data inputs1
–0.5 to VCC +0.5
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage
Note 1
–0.5 to VCC +0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic thin-medium-shrink (TSSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 8 mW/K
600
mW
NOTE:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74ALVC16836A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
74ALVC16836ADGG NEXPERIA-74ALVC16836ADGG Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
More results

Similar Description - 74ALVC16836A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
74ALVC16334A PHILIPS-74ALVC16334A Datasheet
121Kb / 12P
   16-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com