Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB091N06NG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPB091N06NG
Description  OptiMOS짰 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB091N06NG Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPB091N06NG Datasheet HTML 1Page - Infineon Technologies AG IPB091N06NG Datasheet HTML 2Page - Infineon Technologies AG IPB091N06NG Datasheet HTML 3Page - Infineon Technologies AG IPB091N06NG Datasheet HTML 4Page - Infineon Technologies AG IPB091N06NG Datasheet HTML 5Page - Infineon Technologies AG IPB091N06NG Datasheet HTML 6Page - Infineon Technologies AG IPB091N06NG Datasheet HTML 7Page - Infineon Technologies AG IPB091N06NG Datasheet HTML 8Page - Infineon Technologies AG IPB091N06NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IPB091N06N G
IPP091N06N G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
2100
2800
pF
Output capacitance
C oss
-
600
800
Reverse transfer capacitance
C rss
-
150
225
Turn-on delay time
t d(on)
-14
21
ns
Rise time
t r
-29
44
Turn-off delay time
t d(off)
-39
58
Fall time
t f
-28
42
Gate Charge Characteristics
4)
Gate to source charge
Q gs
-12
16
nC
Gate charge at threshold
Q g(th)
-6
8
Gate to drain charge
Q gd
-28
41
Switching charge
Q sw
-33
49
Gate charge total
Q g
-61
81
Gate plateau voltage
V plateau
-
5.6
-
V
Output charge
Q oss
V DD=30 V, V GS=10 V
-39
52
Reverse Diode
Diode continous forward current
I S
-
-
80
A
Diode pulse current
I S,pulse
-
-
320
Diode forward voltage
V SD
V GS=0 V, I F=80 A,
T j=25 °C
-
0.95
1.3
V
Reverse recovery time
t rr
-50
63
ns
Reverse recovery charge
Q rr
-76
95
nC
4) See figure 16 for gate charge parameter definition
V R=30 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=30 V,
f =1 MHz
V DD=30 V, V GS=10 V,
I D=80 A, R G=4.7 Ω
V DD=30 V, I D=80 A,
V GS=0 to 10 V
Rev. 1.0
page 3
2006-06-20


Similar Part No. - IPB091N06NG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPB090N06N3 ISC-IPB090N06N3 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPB090N06N3G INFINEON-IPB090N06N3G Datasheet
296Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.2 2010-01-20
logo
VBsemi Electronics Co.,...
IPB090N06N3G VBSEMI-IPB090N06N3G Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Infineon Technologies A...
IPB093N04LG INFINEON-IPB093N04LG Datasheet
210Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-04-26
IPB096N03LG INFINEON-IPB096N03LG Datasheet
299Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.02 2007-08-29
More results

Similar Description - IPB091N06NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com