Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1363A-100AJC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1363A-100AJC
Description  256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363A-100AJC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1363A-100AJC Datasheet HTML 1Page - Cypress Semiconductor CY7C1363A-100AJC Datasheet HTML 2Page - Cypress Semiconductor CY7C1363A-100AJC Datasheet HTML 3Page - Cypress Semiconductor CY7C1363A-100AJC Datasheet HTML 4Page - Cypress Semiconductor CY7C1363A-100AJC Datasheet HTML 5Page - Cypress Semiconductor CY7C1363A-100AJC Datasheet HTML 6Page - Cypress Semiconductor CY7C1363A-100AJC Datasheet HTML 7Page - Cypress Semiconductor CY7C1363A-100AJC Datasheet HTML 8Page - Cypress Semiconductor CY7C1363A-100AJC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CY7C1361A
CY7C1363A
Document #: 38-05259 Rev. *A
Page 4 of 26
Pin Configurations (continued)
CY7C1361A
1
2345
67
A
V
CCQ
A
A
ADSP
AA
V
CCQ
B
NC
CE2
AADSC
AA
NC
C
NC
A
A
V
CC
AA
NC
D
DQc
DQc
V
SS
NC
V
SS
DQb
DQb
E
DQc
DQc
V
SS
CE
V
SS
DQb
DQb
F
V
CCQ
DQc
V
SS
OE
V
SS
DQb
V
CCQ
G
DQc
DQc
BWc
ADV
BWb
DQb
DQb
H
DQc
DQc
V
SS
GW
V
SS
DQb
DQb
J
V
CCQ
V
CC
NC
V
CC
NC
V
CC
V
CCQ
K
DQd
DQd
V
SS
CLK
V
SS
DQa
DQa
L
DQd
DQd
BWd
NC
BWa
DQa
DQa
M
V
CCQ
DQd
V
SS
BWE
V
SS
DQa
V
CCQ
N
DQd
DQd
V
SS
A1
V
SS
DQa
DQa
P
DQd
DQd
V
SS
A0
V
SS
DQa
DQa
R
NC
A
MODE
V
CC
NC
A
NC
T
NC
NC
A
A
A
NC
ZZ
U
V
CCQ
TMS
TDI
TCK
TDO
NC
V
CCQ
256K × 36 119-ball BGA
1
2345
67
A
V
CCQ
A
A
ADSP
AA
V
CCQ
B
NC
CE2
AADSC
ACE2
NC
C
NC
A
A
V
CC
AA
NC
D
DQb
NC
V
SS
NC
V
SS
DQa
NC
E
NC
DQb
V
SS
CE
V
SS
NC
DQa
F
V
CCQ
NC
V
SS
OE
V
SS
DQa
V
CCQ
G
NC
DQb
BWb
ADV
V
SS
NC
DQa
H
DQb
NC
V
SS
GW
V
SS
DQa
NC
J
V
CCQ
V
CC
NC
V
CC
NC
V
CC
V
CCQ
K
NC
DQb
V
SS
CLK
V
SS
NC
DQa
L
DQb
NC
V
SS
NC
BWa
DQa
NC
M
V
CCQ
DQb
V
SS
BWE
V
SS
NC
V
CCQ
N
DQb
NC
V
SS
A1
V
SS
DQa
NC
P
NC
DQb
V
SS
A0
V
SS
NC
DQa
R
NC
A
MODE
V
CC
NC
A
NC
T
NC
A
A
NC
A
A
ZZ
U
V
CCQ
TMS
TDI
TCK
TDO
NC
V
CCQ
CY7C1363A 512K × 18 119-ball BGA Top View
Top View


Similar Part No. - CY7C1363A-100AJC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363B CYPRESS-CY7C1363B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AC CYPRESS-CY7C1363B-100AC Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AI CYPRESS-CY7C1363B-100AI Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AJC CYPRESS-CY7C1363B-100AJC Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AJI CYPRESS-CY7C1363B-100AJI Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results

Similar Description - CY7C1363A-100AJC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
logo
GSI Technology
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com