Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1383B-117AC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1383B-117AC
Description  51236/1M 횞 18 Flow-Thru SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1383B-117AC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1383B-117AC Datasheet HTML 1Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1383B-117AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
CY7C1381B
CY7C1383B
Document #: 38-05196 Rev. **
Page 4 of 31
Pin Configurations (continued)
2
34
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
DQPc
DQc
DQd
DQc
DQd
AA
A
A
ADSP
VDDQ
AA
DQc
VDDQ
DQc
VDDQ
VDDQ
VDDQ
DQd
DQd
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
TDO
TCK
TDI
TMS
32M
64M
NC
VDDQ
VDDQ
VDDQ
AA
A
A
A
A
A
A
A
A
A0
A1
DQa
DQc
DQa
DQa
DQa
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQa
DQa
DQa
DQa
DQb
VDD
DQc
DQc
DQc
VDD
DQd
DQd
DQd
DQd
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DQPa
MODE
DQPd
DQPb
BWb
BWc
NC
VDD
NC
BWa
NC
BWE
BWd
ZZ
2
34
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
NC
DQb
DQb
DQb
DQb
AA
A
A
ADSP
VDDQ
AA
NC
VDDQ
NC
VDDQ
VDDQ
VDDQ
NC
NC
NC
64M
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
TDO
TCK
TDI
TMS
A
A
NC
VDDQ
VDDQ
VDDQ
A32M
A
A
A
A
A
A
A
A
A
A0
A1
DQa
DQb
NC
NC
DQa
NC
DQa
DQa
NC
NC
DQa
NC
DQa
NC
DQa
NC
DQb
VDD
NC
DQb
NC
VDD
DQb
NC
DQb
NC
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
MODE
DQPb
DQPa
VSS
BWb
NC
VDD
NC
BWa
NC
BWE
VSS
ZZ
CY7C1383B (1M × 18)
CY7C1381B (512K × 36)
A
119-ball BGA


Similar Part No. - CY7C1383B-117AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100AC CYPRESS-CY7C1383C-100AC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100AI CYPRESS-CY7C1383C-100AI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100BGC CYPRESS-CY7C1383C-100BGC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C-100BGI CYPRESS-CY7C1383C-100BGI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1383B-117AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com