Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1366A-150AC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1366A-150AC
Description  256K x 36/512K x 18 Pipelined SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1366A-150AC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1366A-150AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1366A-150AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1366A-150AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1366A-150AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1366A-150AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1366A-150AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1366A-150AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1366A-150AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1366A-150AC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
CY7C1366A/GVT71256C36
CY7C1367A/GVT71512C18
7
2B
97
CE2
Input-
Synchronous
Chip Enable: This active HIGH input is used to enable the
device.
(not available for
PBGA)
92 (for TA Ver-
sion only)
CE2
Input-
Synchronous
Chip Enable: This active LOW input is used to enable the de-
vice. Not available for B and T package versions.
4F
86
OE
Input
Output Enable: This active LOW asynchronous input enables
the data output drivers.
4G
83
ADV
Input-
Synchronous
Address Advance: This active LOW input is used to control the
internal burst counter. A HIGH on this pin generates wait cycle
(no address advance).
4A
84
ADSP
Input-
Synchronous
Address Status Processor: This active LOW input, along with
CE being LOW, causes a new external address to be registered
and a Read cycle is initiated using the new address.
4B
85
ADSC
Input-
Synchronous
Address Status Controller: This active LOW input causes de-
vice to be deselected or selected along with new external ad-
dress to be registered. A Read or Write cycle is initiated de-
pending upon write control inputs.
3R
31
MODE
Input-
Static
Mode: This input selects the burst sequence. A LOW on this
pin selects Linear Burst. A NC or HIGH on this pin selects
Interlinear Burst.
7T
64
ZZ
Input-
Asynchronous
Snooze: This active HIGH input puts the device in low power
consumption standby mode. For normal operation, this input
has to be either LOW or NC (No Connect).
(a) 6D, 7E, 6F, 7G,
6H, 7K, 6L, 6N, 7P
(b) 1D, 2E, 2G, 1H,
2K, 1L, 2M, 1N, 2P
(a) 58, 59, 62, 63,
68, 69, 72, 73, 74
(b) 8, 9, 12, 13,
18, 19, 22, 23, 24
DQa
DQb
Input/
Output
Data Inputs/Outputs: Low Byte is DQa. High Byte is DQb. Input
data must meet set up and hold times around the rising edge
of CLK.
2U
3U
4U
38
39
43
for B and T
version
TMS
TDI
TCK
Input
IEEE 1149.1 test inputs. LVTTL-level inputs. Not available for
TA package version.
5U
42
for B and T
version
TDO
Output
IEEE 1149.1 test output. LVTTL-level output. Not available for
TA package version.
4C, 2J, 4J, 6J, 4R
15, 41,65, 91
VCC
Supply
Core power Supply: +3.3V –5% and +10%
3D, 5D, 3E, 5E, 3F,
5F, 5G, 3H, 5H, 3K,
5K, 3L, 3M, 5M,
3N, 5N, 3P, 5P
5, 10, 17, 21, 26,
40, 55, 60, 67,
71, 76, 90
VSS
Ground
Ground: GND.
1A, 7A, 1F, 7F, 1J,
7J, 1M, 7M, 1U, 7U
4, 11, 20, 27, 54,
61, 70, 77
VCCQ
I/O Supply
Output Buffer Supply: +2.5V or +3.3V.
1B, 7B, 1C, 7C, 2D,
4D, 7D, 1E, 6E, 2F,
1G, 6G, 2H, 7H,
3J, 5J, 1K, 6K, 2L,
4L, 7L, 6M, 2N, 7N,
1P, 6P, 1R, 5R, 7R,
1T, 4T, 6U
1-3, 6, 7, 14, 16,
25, 28-30, 51-53,
56, 57, 66, 75,
78, 79, 80, 95, 96
38, 39, 42 for TA
Version
NC
-
No Connect: These signals are not internally connected. User
can leave it floating or connect it to VCC or VSS.
512K X 18 Pin Descriptions (continued)
X18 PBGA Pins
X18 QFP Pins
Name
Type
Description


Similar Part No. - CY7C1366A-150AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166AC CYPRESS-CY7C1366B-166AC Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166AI CYPRESS-CY7C1366B-166AI Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166BG CYPRESS-CY7C1366B-166BG Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366B-166BGC CYPRESS-CY7C1366B-166BGC Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1366A-150AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com