Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1363A-133AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1363A-133AI
Description  256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363A-133AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1363A-133AI Datasheet HTML 1Page - Cypress Semiconductor CY7C1363A-133AI Datasheet HTML 2Page - Cypress Semiconductor CY7C1363A-133AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1363A-133AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1363A-133AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1363A-133AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1363A-133AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1363A-133AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1363A-133AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
CY7C1361A
CY7C1363A
Document #: 38-05259 Rev. *A
Page 3 of 26
Pin Configurations
DQb
DQb
DQb
VCCQ
VSS
DQb
DQb
DQb
DQb
VSS
VCCQ
DQb
DQb
VSS
NC
VCC
ZZ
DQa
DQa
VCCQ
VSS
DQa
DQa
DQa
DQa
VSS
VCCQ
DQa
DQa
DQa
DQc
DQc
DQc
VCCQ
VSS
DQc
DQc
DQc
DQc
VSS
VCCQ
DQc
DQc
VCC
NC
VSS
DQd
DQd
VCCQ
VSS
DQd
DQd
DQd
DQd
VSS
VCCQ
DQd
DQd
DQd
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100-pin TQFP
AJ Version
NC
A
NC
NC
VCCQ
VSS
NC
DPa
DQa
DQa
VSS
VCCQ
DQa
DQa
VSS
NC
VCC
ZZ
DQa
DQa
VCCQ
VSS
DQa
DQa
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VCCQ
VSS
NC
NC
DQb
DQb
VSS
VCCQ
DQb
DQb
VCC
NC
VSS
DQb
DQb
VCCQ
VSS
DQb
DQb
DQb
NC
VSS
VCCQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100-pin TQFP
AJ Version
NC
CY7C1361A
256K × 36 100-pin TQFP
DQb
DQb
DQb
VCCQ
VSS
DQb
DQb
DQb
DQb
VSS
VCCQ
DQb
DQb
VSS
NC
VCC
ZZ
DQa
DQa
VCCQ
VSS
DQa
DQa
DQa
DQa
VSS
VCCQ
DQa
DQa
DQa
DQc
DQc
DQc
VCCQ
VSS
DQc
DQc
DQc
DQc
VSS
VCCQ
DQc
DQc
VCC
NC
VSS
DQd
DQd
VCCQ
VSS
DQd
DQd
DQd
DQd
VSS
VCCQ
DQd
DQd
DQd
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100-pin TQFP
NC
A
NC
NC
VCCQ
VSS
NC
DQa
DQa
DQa
VSS
VCCQ
DQa
DQa
VSS
NC
VCC
ZZ
DQa
DQa
VCCQ
VSS
DQa
DQa
NC
NC
VSS
VCCQ
NC
NC
NC
NC
NC
NC
VCCQ
VSS
NC
NC
DQb
DQb
VSS
VCCQ
DQb
DQb
VCC
NC
VSS
DQb
DQb
VCCQ
VSS
DQb
DQb
DQb
NC
VSS
VCCQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100-pin TQFP
A Version
NC
A Version
CY7C1363A
512Kx18 100-Pin TQFP


Similar Part No. - CY7C1363A-133AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363B CYPRESS-CY7C1363B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AC CYPRESS-CY7C1363B-100AC Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AI CYPRESS-CY7C1363B-100AI Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AJC CYPRESS-CY7C1363B-100AJC Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363B-100AJI CYPRESS-CY7C1363B-100AJI Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results

Similar Description - CY7C1363A-133AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
logo
GSI Technology
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
AMIC Technology
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
logo
AMIC Technology
A67P93181 AMICC-A67P93181_15 Datasheet
251Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com