Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1362A-166AJI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1362A-166AJI
Description  256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1362A-166AJI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1362A-166AJI Datasheet HTML 1Page - Cypress Semiconductor CY7C1362A-166AJI Datasheet HTML 2Page - Cypress Semiconductor CY7C1362A-166AJI Datasheet HTML 3Page - Cypress Semiconductor CY7C1362A-166AJI Datasheet HTML 4Page - Cypress Semiconductor CY7C1362A-166AJI Datasheet HTML 5Page - Cypress Semiconductor CY7C1362A-166AJI Datasheet HTML 6Page - Cypress Semiconductor CY7C1362A-166AJI Datasheet HTML 7Page - Cypress Semiconductor CY7C1362A-166AJI Datasheet HTML 8Page - Cypress Semiconductor CY7C1362A-166AJI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
CY7C1360A
CY7C1362A
Document #: 38-05258 Rev. *A
Page 2 of 28
Notes:
1.
The Functional Block Diagram illustrates simplified device operation. See Truth Table, pin descriptions, and timing diagrams for detailed information.
2.
CE3 is for TA version only.
Functional Block Diagram—256K × 36[1]
Functional Block Diagram—512K × 18[1]
DQ
DQ
BWc
BWE
BWd
BYTE c WRITE
BYTE d WRITE
OUTPUT
REGISTER
OE
ADSP
ADSC
Address
Register
Binary
Counter
& Logic
CLR
A
A1-A0
ADV
MODE
Input
Register
DQa,DQb
DQc,DQd
DQ
DQ
DQ
BWa
BWb
GW
BYTE a WRITE
BYTE b WRITE
CLK
DQ
DQ
ENABLE
Power Down Logic
ZZ
16
CE
CE2
CE2
DQ
DQ
BWb
BWE
BWa
GW
BYTE b
WRITE
BYTE a
WRITE
OUTPUT
REGISTER
OE
ADSP
ADSC
Address
Register
Binary
Counter
& Logic
CLR
A
A1-A0
ADV
MODE
Input
Register
DQa,DQb
DQ
DQ
DQ
ENABLE
Power Down Logic
ZZ
17
CE
CE2
CE2
DQa, DQb,
DQc, DQd
DQa, DQb,
CE3
CE1
CE2
BWa
BWb
BWc
BWd
BWE
CLK
GW
OE
ZZ
ADSP
ADSC
A
ADV
A0-A1
MODE
CE3
CE2
BWa
BWb
BWE
GW
OE
ZZ
A
CLK
CE1
ADSP
ADSC
ADV
A0-A1
MODE


Similar Part No. - CY7C1362A-166AJI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1362B CYPRESS-CY7C1362B Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AC CYPRESS-CY7C1362B-166AC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AI CYPRESS-CY7C1362B-166AI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJC CYPRESS-CY7C1362B-166AJC Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1362B-166AJI CYPRESS-CY7C1362B-166AJI Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
More results

Similar Description - CY7C1362A-166AJI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1361A CYPRESS-CY7C1361A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com