Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4201-10AC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C4201-10AC
Description  64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4201-10AC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C4201-10AC Datasheet HTML 1Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 2Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 3Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 4Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 5Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CY7C4421/4201/4211/4221
CY7C4231/4241/4251
Document #: 38-06016 Rev. *A
Page 4 of 18
Programmable Flag (PAE, PAF) Operation
Whether the flag offset registers are programmed as
described in Table 1 or the default values are used, the
programmable almost-empty flag (PAE) and programmable
almost-full flag (PAF) states are determined by their corre-
sponding offset registers and the difference between the Read
and Write pointers.
The number formed by the empty offset least significant bit
register and empty offset most significant register is referred
to as n and determines the operation of PAE. PAE is synchro-
nized to the LOW-to-HIGH transition of RCLK by one flip-flop
and is LOW when the FIFO contains n or fewer unread words.
PAE is set HIGH by the LOW-to-HIGH transition of RCLK when
the FIFO contains (n + 1) or greater unread words.
The number formed by the full offset least significant bit
register and full offset most significant bit register is referred to
as m and determines the operation of PAF. PAE is synchro-
nized to the LOW-to-HIGH transition of WCLK by one flip-flop
and is set LOW when the number of unread words in the FIFO
is greater than or equal to CY7C4421. (64 – m), CY7C4201
(256 – m),
CY7C4211
(512 – m),
CY7C4221
(1K – m),
CY7C4231 (2K – m), CY7C4241 (4K – m), and CY7C4251
(8K – m). PAF is set HIGH by the LOW-to-HIGH transition of
WCLK when the number of available memory locations is
greater than m.
Table 1. Writing the Offset Registers
LD
WEN
WCLK[1]
Selection
0
0
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
0
1
No Operation
1
0
Write Into FIFO
1
1
No Operation
Table 2. Status Flags
Number of Words in FIFO
FF
PAF
PAE
EF
CY7C4421
CY7C4201
CY7C4211
0
0
0
H
H
L
L
1 to n[2]
1 to n[2]
1 to n[2]
H
H
L
H
(n + 1) to 32
(n + 1) to 128
(n + 1) to 256
H
H
H
H
33 to (64 – (m + 1))
129 to (256 – (m + 1))
257 to (512 – (m + 1))
H
H
H
H
(64 – m)[3] to 63
(256 – m)[3] to 255
(512 – m)[3] to 511
H
L
H
H
64
256
512
L
L
H
H
Number of Words in FIFO
FF
PAF
PAE
EF
CY7C4221
CY7C4231
CY7C4241
CY7C4251
0
0
0
0
H
H
L
L
1 to n[2]
1 to n[2]
1 to n[2]
1 to n[2]
H
H
L
H
(n + 1) to 512
(n + 1) to 1024
(n + 1) to 2048
(n + 1) to 4096
H
H
H
H
513 to (1024 – (m + 1)) 1025 to (2048 – (m + 1)) 2049 to (4096 – (m + 1)) 4097 to (8192 – (m + 1))
H
H
H
H
(1024 – m)[3] to 1023
(2048 – m)[3] to 2047
(4096 – m)[3] to 4095
(8192 – m)[3] to 8191
H
L
H
H
1024
2048
4096
8192
L
L
H
H
Notes:
1.
The same selection sequence applies to reading from the registers. REN1 and REN2 are enabled and a Read is performed on the LOW-to-HIGH transition of
RCLK.
2.
n = Empty Offset (n = 7 default value).
3.
m = Full Offset (m = 7 default value).


Similar Part No. - CY7C4201-10AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4201-10AC CYPRESS-CY7C4201-10AC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C4201-10AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com