Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4201-10AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C4201-10AC
Description  64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4201-10AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C4201-10AC Datasheet HTML 4Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 5Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 9Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 10Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 11Page - Cypress Semiconductor CY7C4201-10AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY7C4421/4201/4211/4221
CY7C4231/4241/4251
Document #: 38-06016 Rev. *A
Page 8 of 18
tDH
Data Hold Time
0.5
1
1
ns
tENS
Enable Set-up Time
3
4
6
ns
tENH
Enable Hold Time
0.5
1
1
ns
tRS
Reset Pulse Width[12]
10
15
25
ns
tRSS
Reset Set-up Time
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
Reset to Flag and Output Time
10
15
25
ns
tOLZ
Output Enable to Output in Low-Z[13]
0
0
0
ns
tOE
Output Enable to Output Valid
3
7
3
8
3
12
ns
tOHZ
Output Enable to Output in High-Z[13]
3
7
3
8
3
12
ns
tWFF
Write Clock to Full Flag
8
10
15
ns
tREF
Read Clock to Empty Flag
8
10
15
ns
tPAF
Clock to Programmable Almost-Full Flag
8
10
15
ns
tPAE
Clock to Programmable Almost-Full Flag
8
10
15
ns
tSKEW1
Skew Time between Read Clock and Write Clock
for Empty Flag and Full Flag
5
6
10
ns
tSKEW2
Skew Time between Read Clock and Write Clock
for Almost-Empty Flag and Almost-Full Flag
10
15
18
ns
Switching Characteristics Over the Operating Range
Parameter
Description
-10
-15
-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Switching Waveforms
Notes:
12. Pulse widths less than minimum values are not allowed.
13. Values guaranteed by design, not currently tested.
Write Cycle Timing
tCLKH
tCLKL
NO OPERATION
tDS
tSKEW1
tENS
WEN1
tCLK
tDH
tWFF
tWFF
tENH
WCLK
D0 –D8
FF
REN1,REN2
RCLK
NO OPERATION
WEN2
(if applicable)
[14]


Similar Part No. - CY7C4201-10AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4201-10AC CYPRESS-CY7C4201-10AC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C4201-10AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com