Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZCR1803AA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ZCR1803AA
Description  Thyristors (SiBOD Breakover Devices)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZCR1803AA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ZCR1803AA Datasheet HTML 1Page - List of Unclassifed Manufacturers ZCR1803AA Datasheet HTML 2Page - List of Unclassifed Manufacturers ZCR1803AA Datasheet HTML 3Page - List of Unclassifed Manufacturers ZCR1803AA Datasheet HTML 4Page - List of Unclassifed Manufacturers ZCR1803AA Datasheet HTML 5Page - List of Unclassifed Manufacturers ZCR1803AA Datasheet HTML 6Page - List of Unclassifed Manufacturers ZCR1803AA Datasheet HTML 7Page - List of Unclassifed Manufacturers ZCR1803AA Datasheet HTML 8Page - List of Unclassifed Manufacturers ZCR1803AA Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4
To Order: 1-877-502-5500 Fax: 1-858-715-7280
IRM
IBO
IH
IT
VRM
VT
VBR
MIN.
VBO
V-I Graph Illustrating Symbols and Terms
for the SiBOD Surge Protection Devices
Thyristors (SiBOD Breakover Devices)
SiBOD
Series
ELECTRICAL CHARACTERISTICS
(Tj = 25°C)
SYMBOL
PARAMETER
VRM
Stand-off voltage
VBR
Breakdown voltage
VBO/VS
Breakover voltage
VT
On-state voltage
IRM
Stand-off current
IBO
Breakover current
IH
Holding current
Co
Off state Capacitance
Ipp
Peak pulse current
PARAMETER
Storage and operating junction
temperature range
Maximum temperature for soldering
(For period of 10 seconds max.)
Maximum case temperature
VALUE
ABSOLUTE RATINGS
SYMBOL
T stg
Tj
TL
TC
30
100
50
10
20
30
40
50
60
70
90
tr
t1
t2
td = 50
µs
VRSM
VRSM
tr=1.67 x (t2-t1)=1.2µs
Time (
µs)
10
100
50
10
2 0
30
40
50
90
t1
t2
tr
1RSM
1RSM
1SM
tr = 1.25 x (t2-t1) = 8 µs
td=
20
µs
or
Time (
µs)
DO-214
-40 to 150
150
230
75
TO-220
-40 to 150
150
230
115
T10
-40 to 150
150
230
75
UNIT


Similar Part No. - ZCR1803AA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
1Mb / 144P
   ROM MCU with Learning Amplification
Rev 0; 5/09
logo
Zilog, Inc.
ZCRMZN00100KITG ZILOG-ZCRMZN00100KITG Datasheet
646Kb / 8P
   One development board with no silicon installed
More results

Similar Description - ZCR1803AA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com