Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1381B-100BGI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1381B-100BGI
Description  51236/1M 횞 18 Flow-Thru SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381B-100BGI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1381B-100BGI Datasheet HTML 1Page - Cypress Semiconductor CY7C1381B-100BGI Datasheet HTML 2Page - Cypress Semiconductor CY7C1381B-100BGI Datasheet HTML 3Page - Cypress Semiconductor CY7C1381B-100BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1381B-100BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1381B-100BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1381B-100BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1381B-100BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1381B-100BGI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
CY7C1381B
CY7C1383B
Document #: 38-05196 Rev. **
Page 2 of 31
Functional Block Diagram
CLK
ADV
ADSC
A[19:0]
GW
BWE
BWSa
CE1
CE3
CE2
OE
ZZ
BURST
COUNTER
DQb[15:8],DP1
BYTEWRITE
REGISTERS
ADDRESS
REGISTER
D
Q
INPUT
REGISTERS
1M × 18
MEMORY
ARRAY
CLK
Q0
Q1
Q
D
CE
CE
CLR
SLEEP
CONTROL
DQa[7:0],DP0
BYTEWRITE
REGISTERS
D
Q
ENABLE
REGISTER
D
Q
CE
CLK
18
18
20
18
18
20
(A0,A1) 2
MODE
ADSP
Logic Block Diagram ×18
DQ[15:0]
BWSb
DP[1:0]
CLK
ADV
ADSC
A[18:0]
GW
BWE
BWSa
CE1
CE3
CE2
OE
ZZ
BURST
COUNTER
DQd[31:24],DP3
BYTEWRITE
REGISTERS
ADDRESS
REGISTER
D
Q
INPUT
REGISTERS
512K × 36
MEMORY
ARRAY
CLK
Q0
Q1
Q
D
CE
CE
CLR
SLEEP
CONTROL
DQc[23:16],DP2
BYTEWRITE
REGISTERS
D
Q
D
Q
DQb[15:8],DP1
BYTEWRITE
REGISTERS
DQa[7:0],DP0
BYTEWRITE
REGISTERS
D
Q
ENABLE
REGISTER
D
Q
CE
CLK
36
36
19
17
17
19
(A0,A1) 2
MODE
ADSP
Logic Block Diagram ×36
DQ[31:0]
BWSb
BWSc
BWSd
DP[3:0]


Similar Part No. - CY7C1381B-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381C CYPRESS-CY7C1381C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100AC CYPRESS-CY7C1381C-100AC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100AI CYPRESS-CY7C1381C-100AI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100BGC CYPRESS-CY7C1381C-100BGC Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381C-100BGI CYPRESS-CY7C1381C-100BGI Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
More results

Similar Description - CY7C1381B-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com