Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZCR1553AB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZCR1553AB
Description  Thyristors (SiBOD Breakover Devices)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZCR1553AB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZCR1553AB Datasheet HTML 1Page - List of Unclassifed Manufacturers ZCR1553AB Datasheet HTML 2Page - List of Unclassifed Manufacturers ZCR1553AB Datasheet HTML 3Page - List of Unclassifed Manufacturers ZCR1553AB Datasheet HTML 4Page - List of Unclassifed Manufacturers ZCR1553AB Datasheet HTML 5Page - List of Unclassifed Manufacturers ZCR1553AB Datasheet HTML 6Page - List of Unclassifed Manufacturers ZCR1553AB Datasheet HTML 7Page - List of Unclassifed Manufacturers ZCR1553AB Datasheet HTML 8Page - List of Unclassifed Manufacturers ZCR1553AB Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Thyristors (SiBOD Breakover Devices)
Crydom’s SiBOD Series Equals
“Crow Bar” Protection
To protect sensitive telecommunications
circuitry, Crydom Thyristors (SiBOD™
Breakover Devices) “crow bar” potential-
ly dangerous transients – switching them
to ground and dissipating the voltage to
zero. This approach can handle more
energy than TVS diode “clamping.”
FEATURES
• Glass passivated junction
• Bi-directional transient voltage
protection
• Nano second clamping response
• Surge capability up to 500 amps
• No performance degradation under
service life
BENEFITS
• One component cost for +ve
and -ve protection
• Excellent voltage protection levels
• Can be used for primary or secondary
protection
• No replacement required ie,
no maintenance cost
• Highest level of quality and reliability
• Low cost auto assembly
MECHANICAL CHARACTERISTICS
• Transfer molded, void free epoxy body
• Tin/Lead plated leads
• Maximum case temperature for solder-
ing purposes: 230°C for 10 seconds
SiBOD
Series
To Order: 1-877-502-5500 Fax: 1-858-715-7280
Specify Crydom
… for these industry-leading
components and products:
• Solid State Relays
Printed Circuit Board Mount
Panel Mount
DIN Rail Mount
• Power Cubes
• I/O Modules
• Transient Voltage
Suppression Components
TVS Diodes
Thyristor Suppression
Devices
Gas Discharge Tubes (GDT)
Zeners/Studs
Hybrid Arrester Devices
Get TVS Insurance From
The People Who Know
There’s too much riding on over-voltage
surge protection to take chances. That’s
why more and more people are turning
to Crydom.
Why?
To start with, we don’t just sell TVS compo-
nents – we’re the only company develop-
ing, designing and manufacturing all five
of the basic product families: Transient
Voltage Suppression (TVS) Diodes. SiBOD
Thyristor Suppression Devices. Gas Discharge
Tubes (GDT). Hybrid Arrester Over-Voltage
Surge Protectors. Zeners/Studs. And the
only company employing all three voltage
protection technologies – gas tube, semi-
conductor and hybrid.
That means we're the only one who knows
them inside and out. What each type can
and can't do. Which type to use for differ-
ent applications. How to provide as much
or little technical support as you need.
How to work with you to develop special
devices should you require them. And
even assist you in formulating design
requirements and testing procedures to
meet both your specifications and inter-
national standards.


Similar Part No. - ZCR1553AB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
1Mb / 144P
   ROM MCU with Learning Amplification
Rev 0; 5/09
logo
Zilog, Inc.
ZCRMZN00100KITG ZILOG-ZCRMZN00100KITG Datasheet
646Kb / 8P
   One development board with no silicon installed
More results

Similar Description - ZCR1553AB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com