Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4221-15AC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C4221-15AC
Description  64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4221-15AC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C4221-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C4221-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C4221-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C4221-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C4221-15AC Datasheet HTML 10Page - Cypress Semiconductor CY7C4221-15AC Datasheet HTML 11Page - Cypress Semiconductor CY7C4221-15AC Datasheet HTML 12Page - Cypress Semiconductor CY7C4221-15AC Datasheet HTML 13Page - Cypress Semiconductor CY7C4221-15AC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CY7C4421/4201/4211/4221
CY7C4231/4241/4251
Document #: 38-06016 Rev. *A
Page 10 of 18
Notes:
16. The clocks (RCLK, WCLK) can be free-running during reset.
17. Holding WEN2/LD HIGH during reset will make the pin act as a second enable pin. Holding WEN2/LD LOW during reset will make the pin act as a load enable
for the programmable flag offset registers.
18. After reset, the outputs will be LOW if OE = 0 and three-state if OE=1.
19. When tSKEW1 > minimum specification, tFRL (maximum) = tCLK + tSKEW1. When tSKEW1 < minimum specification, tFRL (maximum) = either 2*tCLK + tSKEW1 or
tCLK + tSKEW1. The Latency Timing applies only at the Empty Boundary (EF = LOW).
20. The first word is available the cycle after EF goes HIGH, always.
Switching Waveforms (continued)
D0(FIRSTVALIDWrite)
First Data Word Latency after Reset with Simultaneous Read and Write
tSKEW1
WEN1
WCLK
Q0 –Q8
EF
REN1,
REN2
OE
tOE
tENS
tOLZ
tDS
RCLK
tREF
tA
tFRL
D1
D2
D3
D4
D0
D1
D0–D8
tA
WEN2
(if applicable)
[19]
[20]
DATAWRITE2
DATAWRITE1
tENS
tSKEW1
DATA IN OUTPUT REGISTER
Empty Flag Timing
WEN1
WCLK
Q0 –Q8
EF
REN1,
REN2
OE
tDS
tENH
RCLK
tREF
tA
tFRL
D0 –D8
DATA Read
tSKEW1
tFRL
tREF
tDS
tENS
tENH
WEN2
(if applicable)
tREF
LOW
[19]
[19]
tENS
tENS
tENH
tENH


Similar Part No. - CY7C4221-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4221-15AC CYPRESS-CY7C4221-15AC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C4221-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com