Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6300CA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1N6300CA
Description  1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1N6300CA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1N6300CA Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6300CA Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6300CA Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N6300CA Datasheet HTML 4Page - List of Unclassifed Manufacturers 1N6300CA Datasheet HTML 5Page - List of Unclassifed Manufacturers 1N6300CA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.5KE6V8....1.5KE440A
1N6267...........1N6303A
Type
Maximum Reverse
Leakage Current
at
Unidirectional
(µA)
(V)
Min.
Nom.
Max.
(mA)
(1)
I
RM
I
R
at
(V)
Breakdown Voltage
Max. Clamping Voltage
V
BR
V
CL
at
I
pp
V
RM
max. 1ms. Expo.
(V)
(A)
(1) Tested with pulses.
Pulse test: tp
≤ 50 ms; δ < 2%
1N6267
1.5KE6V8
1000
5.50
6.12
6.8
7.48
10
10.8
139
1N6267A
1.5KE6V8A
1000
5.80
6.45
6.8
7.14
10
10.5
143
1N6268
1.5KE7V5
500
6.05
6.75
7.5
8.25
10
11.7
128
1N6268A
1.5KE7V5A
500
6.40
7.13
7.5
7.88
10
11.3
132
1N6269
1.5KE8V2
200
6.63
7.38
8.2
9.02
10
12.5
120
1N6269A
1.5KE8V2A
200
7.02
7.79
8.2
8.61
10
12.1
124
1N6270
1.5KE9V1
50
7.37
8.19
9.1
10.0
1
13.8
109
1N6270A
1.5KE9V1A
50
7.78
8.65
9.1
9.55
1
13.4
112
1N6271
1.5KE10
10
8.10
9.00
10
11.0
1
15.0
100
1N6271A
1.5KE10A
10
8.55
9.50
10
10.5
1
14.5
103
1N6272
1.5KE11
5
8.92
9.90
11
12.1
1
16.2
93
1N6272A
1.5KE11A
5
9.40
10.5
11
11.6
1
15.6
96
1N6273
1.5KE12
5
9.72
10.8
12
13.2
1
17.3
87
1N6273A
1.5KE12A
5
10.2
11.4
12
12.6
1
16.7
90
1N6274
1.5KE13
5
10.5
11.7
13
14.3
1
19.0
79
1N6274A
1.5KE13A
5
11.1
12.4
13
13.7
1
18.2
82
1N6275
1.5KE15
5
12.1
13.5
15
16.5
1
22.0
68
1N6275A
1.5KE15A
5
12.8
14.3
15
15.8
1
21.2
71
1N6276
1.5KE16
5
12.9
14.4
16
17.6
1
23.5
64
1N6276A
1.5KE16A
5
13.6
15.2
16
16.8
1
22.5
67
1N6277
1.5KE18
5
14.5
16.2
18
19.8
1
26.5
56.5
1N6277A
1.5KE18A
5
15.3
17.1
18
18.9
1
25.5
59.5
1N6278
1.5KE20
5
16.2
18.0
20
22.0
1
29.1
51.5
1N6278A
1.5KE20A
5
17.1
19.0
20
21.0
1
27.7
54
1N6279
1.5KE22
5
17.8
19.8
22
24.2
1
31.9
47
1N6279A
1.5KE22A
5
18.8
20.9
22
23.1
1
30.6
49
1N6280
1.5KE24
5
19.4
21.6
24
26.4
1
34.7
43
1N6280A
1.5KE24A
5
20.5
22.8
24
25.2
1
33.2
45
1N6281
1.5KE27
5
21.8
24.3
27
29.7
1
39.1
38.5
1N6281A
1.5KE27A
5
23.1
25.7
27
28.4
1
37.5
40
1N6282
1.5KE30
5
24.3
27.0
30
33.0
1
43.5
34.5
1N6282A
1.5KE30A
5
25.6
28.5
30
31.5
1
41.4
36
1N6283
1.5KE33
5
26.8
29.7
33
36.3
1
47.7
31.5
1N6283A
1.5KE33A
5
28.2
31.4
33
34.7
1
45.7
33
1N6284
1.5KE36
5
29.1
32.4
36
39.6
1
52.0
29
1N6284A
1.5KE36A
5
30.8
34.2
36
37.8
1
49.9
30
1N6285
1.5KE39
5
31.6
35.1
39
42.9
1
56.4
26.5
1N6285A
1.5KE39A
5
33.3
37.1
39
41.0
1
53.9
28
1N6286
1.5KE43
5
34.8
38.7
43
47.3
1
61.9
24
1N6286A
1.5KE43A
5
36.8
40.9
43
45.2
1
59.3
25.3
1N6287
1.5KE47
5
38.1
42.3
47
51.7
1
67.8
22.2
1N6287A
1.5KE47A
5
40.2
44.7
47
49.4
1
64.8
23.2
1N6288
1.5KE51
5
41.3
45.9
51
56.1
1
73.5
20.4
1N6288A
1.5KE51A
5
43.6
48.5
51
53.6
1
70.1
21.4
Jun - 00


Similar Part No. - 1N6300CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6300CA TRSYS-1N6300CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1N6300CA TSC-1N6300CA Datasheet
110Kb / 3P
   Transient Voltage Suppressor Diodes
logo
SynSemi, Inc.
1N6300CA SYNSEMI-1N6300CA Datasheet
141Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6300CA EIC-1N6300CA Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
1N6300CA SUNMATE-1N6300CA Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 1N6300CA

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com