Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZCR2353AC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZCR2353AC
Description  Thyristors (SiBOD Breakover Devices)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZCR2353AC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ZCR2353AC Datasheet HTML 1Page - List of Unclassifed Manufacturers ZCR2353AC Datasheet HTML 2Page - List of Unclassifed Manufacturers ZCR2353AC Datasheet HTML 3Page - List of Unclassifed Manufacturers ZCR2353AC Datasheet HTML 4Page - List of Unclassifed Manufacturers ZCR2353AC Datasheet HTML 5Page - List of Unclassifed Manufacturers ZCR2353AC Datasheet HTML 6Page - List of Unclassifed Manufacturers ZCR2353AC Datasheet HTML 7Page - List of Unclassifed Manufacturers ZCR2353AC Datasheet HTML 8Page - List of Unclassifed Manufacturers ZCR2353AC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Part
Reverse
Maximum
Reverse
Maximum
Typical
Maximum
Maximum
Minimum
Typical
Number
Stand-off
Breakover
Stand-off
Breakover
Voltage
Reverse
Breakover
Holding
Cap.
Voltage
Voltage
Voltage
Voltage
Turnon
Leakage
Current
Current
@1MHz
(V
R)(VBO) @ IBO
(V
R)(VBO) @ IBO
(V
T
) @ 1A
(I
R
) @ VR
(I
BO
)
(I
H
)
2V Bias
pins 1-2 & 3-2
pins 1-3
VV
V
V
V
µA
mA
mA
pF
CR1553 AA, AB, AC
CR1803 AA, AB, AC
CR2103 AA, AB, AC
CR2353 AA, AB, AC
CR2703 AA, AB, AC
CR3203 AA, AB, AC
CR3403 AA, AB, AC
5.0
5.0
5.0
5.0
5.0
5.0
5.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
60.0
60.0
60.0
60.0
45.0
45.0
45.0
180.0
210.0
250.0
270.0
300.0
350.0
400.0
130.0
150.0
170.0
200.0
230.0
270.0
300.0
180.0
210.0
250.0
270.0
300.0
350.0
400.0
130.0
150.0
170.0
200.0
230.0
270.0
300.0
Electrical Characteristics
(3 chip)
6
To Order: 1-877-502-5500 Fax: 1-858-715-7280
Thyristors (SiBOD Breakover Devices)
CR
A
Voltage
PP
Maximum
A = 50A (10 x 560
µs)
B = 100A (10 x 560
µs)
C = 500A (2 x 10
µs)
Peak Pulse
2/10µs
8/20µs
10/160µs
10/560µs
10/1000µs
AA
-
150
100
50
-
AB
-
250
150
100
-
AC
500
400
200
-
100
SiBOD
Series
TO-220
Part
Reverse
Maximum
Reverse
Maximum
Typical
Maximum
Maximum
Minimum
Typical
Number
Stand-off
Breakover
Stand-off
Breakover
Voltage
Reverse
Breakover
Holding
Cap.
Voltage
Voltage
Voltage
Voltage
Turnon
Leakage
Current
Current
@1MHz
(V
R)(VBO) @ IBO
(V
R)(VBO) @ IBO
(V
T
) @ 1A
(I
R
) @ VR
(I
BO
)
(I
H
)
2V Bias
pins 1-2 & 3-2
pins 1-3
VV
V
V
V
µA
mA
mA
pF
CR0602 AA, AB, AC
CR1402 AA, AB, AC
CR1602 AA, AB, AC
CR2202 AA, AB, AC
CR2702 AA, AB, AC
CR3002 AA, AB, AC
CR3602 AA, AB, AC
CR4202 AA, AB, AC
CR4802 AA, AB, AC
CR6002 AA, AB, AC
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
200.0
120.0
90.0
90.0
60.0
60.0
60.0
45.0
45.0
45.0
80.0
154.0
190.0
260.0
320.0
360.0
440.0
500.0
600.0
700.0
50.0
116.0
130.0
180.0
240.0
280.0
320.0
380.0
440.0
550.0
40.0
77.0
95.0
130.0
160.0
180.0
220.0
250.0
300.0
350.0
25.0
58.0
65.0
90.0
120.0
140.0
160.0
190.0
220.0
275.0
Electrical Characteristics
(2 chip)
*Note: The typical capacitance values listed in this chart are for AA and AB. AC capacitance is approximately double that of AA and AB.
*Note: The typical capacitance values listed in this chart are for AA and AB. AC capacitance is approximately double that of AA and AB.
2.54
All dimensions in mm
5.08
0.8
10.16 10.42
4.52
4.78
0.61
0.46
Modified
TO-220
*
*


Similar Part No. - ZCR2353AC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
1Mb / 201P
   Flash MCUs with Learning Amplification
Rev 0; 4/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
ZCRMZN00100KITG MAXIM-ZCRMZN00100KITG Datasheet
1Mb / 144P
   ROM MCU with Learning Amplification
Rev 0; 5/09
logo
Zilog, Inc.
ZCRMZN00100KITG ZILOG-ZCRMZN00100KITG Datasheet
646Kb / 8P
   One development board with no silicon installed
More results

Similar Description - ZCR2353AC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com