Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD230N06LG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD230N06LG
Description  OptiMOS짰 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD230N06LG Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD230N06LG Datasheet HTML 1Page - Infineon Technologies AG IPD230N06LG Datasheet HTML 2Page - Infineon Technologies AG IPD230N06LG Datasheet HTML 3Page - Infineon Technologies AG IPD230N06LG Datasheet HTML 4Page - Infineon Technologies AG IPD230N06LG Datasheet HTML 5Page - Infineon Technologies AG IPD230N06LG Datasheet HTML 6Page - Infineon Technologies AG IPD230N06LG Datasheet HTML 7Page - Infineon Technologies AG IPD230N06LG Datasheet HTML 8Page - Infineon Technologies AG IPD230N06LG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPD230N06L G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1100
1500
pF
Output capacitance
C oss
-
250
330
Reverse transfer capacitance
C rss
-
67
101
Turn-on delay time
t d(on)
-11
17
ns
Rise time
t r
-16
24
Turn-off delay time
t d(off)
-21
32
Fall time
t f
-15
23
Gate Charge Characteristics
4)
Gate to source charge
Q gs
-4
5
nC
Gate charge at threshold
Q g(th)
-
1.7
2
Gate to drain charge
Q gd
-10
16
Switching charge
Q sw
-13
19
Gate charge total
Q g
-31
42
Gate plateau voltage
V plateau
-
3.7
-
V
Output charge
Q oss
V DD=30 V, V GS=4.5 V
-10
13
Reverse Diode
Diode continous forward current
I S
-
-
30
A
Diode pulse current
I S,pulse
-
-
120
Diode forward voltage
V SD
V GS=0 V, I F=30 A,
T j=25 °C
-
0.91
1.3
V
Reverse recovery time
t rr
-47
58
ns
Reverse recovery charge
Q rr
-45
55
nC
4) See figure 16 for gate charge parameter definition
V R=30 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=30 V,
f =1 MHz
V DD=30 V, V GS=10 V,
I D=30 A, R G=5 Ω
V DD=30 V, I D=30 A,
V GS=0 to 10 V
Rev. 1.0
page 3
2006-06-13


Similar Part No. - IPD230N06LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
IPD230N06NG INFINEON-IPD230N06NG Datasheet
520Kb / 9P
   OptiMOS짰 Power-Transistor Features For dc/dc converters and sync. rectification
Rev. 1.2 2008-09-01
IPD230N06NG INFINEON-IPD230N06NG_08 Datasheet
520Kb / 9P
   OptiMOS짰 Power-Transistor Features For dc/dc converters and sync. rectification
Rev. 1.2 2008-09-01
More results

Similar Description - IPD230N06LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com