Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD400N06NG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD400N06NG
Description  OptiMOS짰 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD400N06NG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD400N06NG Datasheet HTML 1Page - Infineon Technologies AG IPD400N06NG Datasheet HTML 2Page - Infineon Technologies AG IPD400N06NG Datasheet HTML 3Page - Infineon Technologies AG IPD400N06NG Datasheet HTML 4Page - Infineon Technologies AG IPD400N06NG Datasheet HTML 5Page - Infineon Technologies AG IPD400N06NG Datasheet HTML 6Page - Infineon Technologies AG IPD400N06NG Datasheet HTML 7Page - Infineon Technologies AG IPD400N06NG Datasheet HTML 8Page - Infineon Technologies AG IPD400N06NG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPD400N06N G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
2.2
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
75
6 cm
2 cooling area2)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
60
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=28 µA
234
Zero gate voltage drain current
I DSS
V DS=60 V, V GS=0 V,
T j=25 °C
-
0.01
1
µA
V DS=60 V, V GS=0 V,
T j=125 °C
-
1
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=27 A
-31
40
m
Gate resistance
R G
-
1.5
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=27 A
12
24
-
S
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
Rev. 1.1
page 2
2006-04-20


Similar Part No. - IPD400N06NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD400N06NG INFINEON-IPD400N06NG Datasheet
509Kb / 9P
   OptiMOS짰 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
Rev. 1.3 2008-09-01
IPD400N06NG INFINEON-IPD400N06NG_08 Datasheet
509Kb / 9P
   OptiMOS짰 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
Rev. 1.3 2008-09-01
More results

Similar Description - IPD400N06NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com